Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 48 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 48 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 44Page - Switchcraft, Inc. K460 Datasheet HTML 45Page - Switchcraft, Inc. K460 Datasheet HTML 46Page - Switchcraft, Inc. K460 Datasheet HTML 47Page - Switchcraft, Inc. K460 Datasheet HTML 48Page - Switchcraft, Inc. K460 Datasheet HTML 49Page - Switchcraft, Inc. K460 Datasheet HTML 50Page - Switchcraft, Inc. K460 Datasheet HTML 51Page - Switchcraft, Inc. K460 Datasheet HTML 52Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 101 page
background image
CONNECTORS
47
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
Q-G® Audio Connector Series
B, C, D, E Panel Style Series
Ordering Information
Pins/
Part Number
Style
Finish
Contacts
Notes
B*F, B*M
Panel
Nickel
Silver
Threaded Collar
B*FB, B*MB
Panel
Black
Silver
Threaded Collar
C*F, C*M
Panel
Nickel
Silver
Uses #5-40 mounting screws
C*FB, C*MB
Panel
Black
Silver
Uses #5-40 mounting screws
D*F, D*M
Panel
Nickel
Silver
Uses #5-40 mounting screws
D*FB, D*MB
Panel
Black
Silver
Rectangle housing
D*FBAU, D*MBAU
Panel
Black
Gold
Rectangle housing
D*FS, D*MS
Panel
Nickel
Silver
Rectangle housing, smooth finish
E3FSC, E3MSC
Panel
Nickel
Silver
Male/Female same panel cut-out
E3FSCB, E3MSCB
Panel
Black
Silver
Male/Female same panel cut-out
E3FSCBAU,
E3MSCBAU
Panel
Black
Gold
Male/Female same panel cut-out
* Available 3 - 7 pins or contacts
Switchcraft also offers a wide range
of panel mount connectors.
The B Series features a round
housing with a threaded collar for
mounting. The female version requires
a spanner wrench to tighten the
connector to the chassis. Both
male and female are available with
black finish.
The C Series is another round
housing panel mount, which has
0.140" mounting holes requiring
#5-40 screws to mount.
The D Series, our most popular
version, is a rectangle housing
panel mount. The standard Rawall
finish resists scratching, while the
optional satin finish offers a smooth
finish for mounting on a brushed
finished chassis.
The E Series offers a panel
mount with quick release inserts. A
small screwdriver is used to remove
the inserts, allowing for easy gender
changes. The male and female E
Series fit into the same panel cut-outs.
The E Series is also available
with PC terminals. Contact the
factory for details.
See Page 57 for Mechanical Drawings
D*MS
D*F
D*MBAU
C*MB
B*MB
B*F
C*F
E3FSC
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com