Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 3 Page - Switchcraft, Inc.

  K460 Datasheet HTML 1Page - Switchcraft, Inc. K460 Datasheet HTML 2Page - Switchcraft, Inc. K460 Datasheet HTML 3Page - Switchcraft, Inc. K460 Datasheet HTML 4Page - Switchcraft, Inc. K460 Datasheet HTML 5Page - Switchcraft, Inc. K460 Datasheet HTML 6Page - Switchcraft, Inc. K460 Datasheet HTML 7Page - Switchcraft, Inc. K460 Datasheet HTML 8Page - Switchcraft, Inc. K460 Datasheet HTML 9Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 101 page
background image
2
Connectors
Q-G® Audio Connector Series ..............................46-48
A, AA, AAA Cord Style Series ................................46
B, C, D, E Panel Style Series....................................47
J, K, P, R, T Wallplate, Gooseneck,
Panel & Cord Style Series........................................48
Tini-Q-G® Connector Series ......................................49
Tini-Q-G® Cord & Panel Style Series ....................49
HPC Connector Series ............................................50-51
HPC Panel Style Series ............................................50
HPC Cord, & Adapter Style Series..........................51
EH Series Receptacles ................................................52
MIDI and 2500 Series ..................................................53
HP75BNC Series ..........................................................54
Connector Dimension Drawings ..........................55–62
HP75BNC Series, EH Series ....................................55
Q-G Audio - A, AA, AAA Series ..............................56
Q-G Audio - B, C, D, E Series ..................................57
Q-G Audio - J, K, P, R Series....................................58
Q-G Audio - T Series ................................................59
MIDI, Q-G Audio - P Series ......................................60
HPC Panel Style Series ......................................61–62
Audio Adapters
XLR to XLR, RCA, 1/4", TQ-G Adapter Series ..........63
1/4" to 1/4", RCA; RCA to RCA;
& Miscellaneous Adapter Series ................................64
Table of Contents
Patchbays
Professional Punchdown Terminal (PPT) ....................4
Audio Patchbay Series ............................................5–33
MTPH/TTPH Harness Series ..................................5-7
Front Access Series ................................................8–9
EZ Norm Patchbay Series ..................................10–11
RS 422 Data Patchbay Series ............................12–13
MTP48K Wired Series ........................................14–15
TTPW96K Wired Series ......................................16–17
MTPBP/TTPBP Backpanel Series ......................18–19
TT96 EDAC Series ..............................................20–21
TTP96K Patchkit Series ......................................22–23
MT48K/MT52K Patchkit Series ..........................24–25
MT48/MT52 Patchbay Series ............................26–27
TTP96AS Patchbay Series..................................28–29
HPC Patchbay Series ..........................................30–31
Q-G® Patchbay Series ........................................32–33
Video/Audio Patchbay Series................................34–44
VPP Video Patchbay Series................................34–36
MVP Midsize Video Patchbay Series ................37–39
VAP Video/Audio Patchbay Series ....................40–41
MVEZN Audio/Midsize Patchbay Series....................42
MBPK Video/Audio Patchbay Series ......................43
Audio and Video Patchcords ................................44–45
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com