Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 44 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 44 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 40Page - Switchcraft, Inc. K460 Datasheet HTML 41Page - Switchcraft, Inc. K460 Datasheet HTML 42Page - Switchcraft, Inc. K460 Datasheet HTML 43Page - Switchcraft, Inc. K460 Datasheet HTML 44Page - Switchcraft, Inc. K460 Datasheet HTML 45Page - Switchcraft, Inc. K460 Datasheet HTML 46Page - Switchcraft, Inc. K460 Datasheet HTML 47Page - Switchcraft, Inc. K460 Datasheet HTML 48Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 101 page
background image
PATCHBAYS
43
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
Features and Benefits
• Combines 16 midsize video jacks
and 48 TT bantam audio jacks.
• Video jacks are rated from DC to
3.0 GHZ.
• All audio jacks are nickel-plated with
steel frames and gold-plated cross-
bar switching contacts.
• Rugged, attractive anodized aluminum
frame for increased reliability.
• Large designation strips for easy
patch point identification.
• Audio jacks rated at 30,000 cycles.
Video Jack Specifications
See page 39 for details
Audio Jack Specifications
See page 69 for details
Materials
Frame: Aluminum, black anodized
MBPK175T
The MBPK Series combines our popular MVJ midsize video jacks with our
standard nickel-plated, steel frame audio jacks. This patchbay combines 16
midsize video jacks with 48 TT bantam audio jacks. Perfect for applications
where a full video and audio patchbay are unnecessary. The video jacks are rated
up to 3.0GHz, and the audio jacks meet 30,000 cycles. The audio jacks have T,
R, S, TN, and RN terminals, and feature gold-plated contacts and flared solder
terminals.
MBPK Video/Audio Patchbay Series
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com