Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 67 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 67 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 63Page - Switchcraft, Inc. K460 Datasheet HTML 64Page - Switchcraft, Inc. K460 Datasheet HTML 65Page - Switchcraft, Inc. K460 Datasheet HTML 66Page - Switchcraft, Inc. K460 Datasheet HTML 67Page - Switchcraft, Inc. K460 Datasheet HTML 68Page - Switchcraft, Inc. K460 Datasheet HTML 69Page - Switchcraft, Inc. K460 Datasheet HTML 70Page - Switchcraft, Inc. K460 Datasheet HTML 71Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
JACKS & PLUGS
66
Ordering Information
Typical
Part No.
Conductors
Description
Mating Plug
Notes
Littel Phone Jacks
11
2
single open
280
12A
2
single closed
280
12B
3
double open
297
14B
3
double closed
297
Hi-D Jacks
111
2
single open
280
112B
3
double open
297
113BPC1M
3
tip closed, ring open
297 or
PC terms, accepts Littel
(common to sleeve)
482NC
and Mil-type plugs
114B
3
double closed
297
114BPC
3
double closed
297
PC terms
114BPCS
3
double closed
297
Springlock PC terms
114BPC1M
3
double closed
297 or
PC terms, accepts Littel and
482NC
Mil-type plugs, metric thread
Z15J
2
single open
187B
15A rated
Right Angle PC Mount 1/4" Jacks
RA49B11
2
single open
280
RN112APC
2
single closed
280
RA49C14B
3
double closed
297
1/4" Extension Jacks
80
2
single open
280
Screw terms, black handle
88
2
single open
280
Solder terms, black handle
120
2
single open
280
Screw terms, shielded handle
121
2
single open
280
Solder terms, shielded handle
131
3
double open
297
Solder terms, shielded handle
133
3
double open
298
Solder terms, shielded handle,
locking
830
3
double open
297
Screw terms, black handle
128
2
single open
280
Solder terms, shielded handle
1238
3
double open
297
Solder terms, shielded handle
Jack Series
See Pages 72–74 for Mechanical Drawings
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com