Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 120 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 120 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 116Page - Altera Corporation EP3SL340 Datasheet HTML 117Page - Altera Corporation EP3SL340 Datasheet HTML 118Page - Altera Corporation EP3SL340 Datasheet HTML 119Page - Altera Corporation EP3SL340 Datasheet HTML 120Page - Altera Corporation EP3SL340 Datasheet HTML 121Page - Altera Corporation EP3SL340 Datasheet HTML 122Page - Altera Corporation EP3SL340 Datasheet HTML 123Page - Altera Corporation EP3SL340 Datasheet HTML 124Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 341 page
background image
1–110
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–66 lists the EP3SL110 parameters for differential I/O standards.
DIFFERENTIAL
1.8-V HSTL
CLASS II
GCLK
tsu
-0.814
-0.852
-1.247 -1.356 -1.480 -1.422 -1.778 -1.355
-1.476
-1.424
-1.819
ns
t
h
0.933
0.990
1.436
1.568
1.712
1.645
1.999
1.576
1.717
1.654
2.040
ns
GCLK
PLL
t
su
1.131
1.155
1.789
2.009
2.210
2.104
2.013
2.027
2.233
2.122
2.062
ns
t
h
-0.878
-0.881
-1.385 -1.554 -1.707 -1.626 -1.530 -1.565
-1.720
-1.635
-1.576
ns
DIFFERENTIAL
1.5-V SSTL
CLASS I
GCLK
t
su
-0.802
-0.841
-1.238 -1.345 -1.461 -1.403 -1.759 -1.344
-1.458
-1.406
-1.801
ns
t
h
0.921
0.979
1.426
1.557
1.693
1.626
1.980
1.565
1.699
1.636
2.022
ns
GCLK
PLL
t
su
1.143
1.166
1.798
2.020
2.229
2.123
2.032
2.038
2.251
2.140
2.080
ns
th
-0.890
-0.892
-1.395 -1.565 -1.726 -1.645 -1.549 -1.576
-1.738
-1.653
-1.594
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
GCLK
t
su
-0.802
-0.841
-1.238 -1.345 -1.461 -1.403 -1.759 -1.344
-1.458
-1.406
-1.801
ns
t
h
0.921
0.979
1.426
1.557
1.693
1.626
1.980
1.565
1.699
1.636
2.022
ns
GCLK
PLL
t
su
1.143
1.166
1.798
2.020
2.229
2.123
2.032
2.038
2.251
2.140
2.080
ns
t
h
-0.890
-0.892
-1.395 -1.565 -1.726 -1.645 -1.549 -1.576
-1.738
-1.653
-1.594
ns
DIFFERENTIAL
1.8-V SSTL
CLASS I
GCLK
tsu
-0.814
-0.852
-1.247 -1.356 -1.480 -1.422 -1.778 -1.355
-1.476
-1.424
-1.819
ns
t
h
0.933
0.990
1.436
1.568
1.712
1.645
1.999
1.576
1.717
1.654
2.040
ns
GCLK
PLL
t
su
1.131
1.155
1.789
2.009
2.210
2.104
2.013
2.027
2.233
2.122
2.062
ns
t
h
-0.878
-0.881
-1.385 -1.554 -1.707 -1.626 -1.530 -1.565
-1.720
-1.635
-1.576
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
GCLK
t
su
-0.814
-0.852
-1.247 -1.356 -1.480 -1.422 -1.778 -1.355
-1.476
-1.424
-1.819
ns
t
h
0.933
0.990
1.436
1.568
1.712
1.645
1.999
1.576
1.717
1.654
2.040
ns
GCLK
PLL
t
su
1.131
1.155
1.789
2.009
2.210
2.104
2.013
2.027
2.233
2.122
2.062
ns
th
-0.878
-0.881
-1.385 -1.554 -1.707 -1.626 -1.530 -1.565
-1.720
-1.635
-1.576
ns
DIFFERENTIAL
2.5-V SSTL
CLASS I
GCLK
t
su
-0.821
-0.858
-1.259 -1.361 -1.480 -1.424 -1.777 -1.359
-1.471
-1.422
-1.815
ns
t
h
0.940
0.996
1.449
1.576
1.715
1.648
2.003
1.583
1.717
1.653
2.041
ns
GCLK
PLL
t
su
1.124
1.149
1.777
2.004
2.210
2.102
2.014
2.023
2.238
2.124
2.066
ns
t
h
-0.871
-0.875
-1.372 -1.546 -1.704 -1.623 -1.526 -1.558
-1.720
-1.636
-1.575
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
GCLK
tsu
-0.821
-0.858
-1.259 -1.361 -1.480 -1.424 -1.777 -1.359
-1.471
-1.422
-1.815
ns
t
h
0.940
0.996
1.449
1.576
1.715
1.648
2.003
1.583
1.717
1.653
2.041
ns
GCLK
PLL
t
su
1.124
1.149
1.777
2.004
2.210
2.102
2.014
2.023
2.238
2.124
2.066
ns
t
h
-0.871
-0.875
-1.372 -1.546 -1.704 -1.623 -1.526 -1.558
-1.720
-1.636
-1.575
ns
Table 1–65. EP3SL110 Column Pins Input Timing Parameters (Part 2 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–66. EP3SL110 Row Pins Input Timing Parameters (Part 1 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
tsu
-0.919
-0.950
-1.021 -0.981
-1.115 -1.070
-1.404
-0.940
-1.066
-1.023
-1.442
ns
t
h
1.043
1.092
1.245
1.237
1.395
1.339
1.672
1.207
1.358
1.303
1.711
ns
GCLK
PLL
t
su
0.959
0.987
1.949
2.324
2.527
2.403
2.334
2.384
2.597
2.470
2.387
ns
t
h
-0.698
-0.708
-1.513 -1.828
-1.977 -1.881
-1.804
-1.875
-2.032
-1.933
-1.853
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com