Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 123 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 123 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 119Page - Altera Corporation EP3SL340 Datasheet HTML 120Page - Altera Corporation EP3SL340 Datasheet HTML 121Page - Altera Corporation EP3SL340 Datasheet HTML 122Page - Altera Corporation EP3SL340 Datasheet HTML 123Page - Altera Corporation EP3SL340 Datasheet HTML 124Page - Altera Corporation EP3SL340 Datasheet HTML 125Page - Altera Corporation EP3SL340 Datasheet HTML 126Page - Altera Corporation EP3SL340 Datasheet HTML 127Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–113
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
RSDS_E_1R
—
GCLK
tco
3.100
3.330
4.687 5.079 5.586 5.447 5.731 5.200 5.706 5.570 5.803
ns
GCLK
PLL
t
co
1.308
1.480
1.885 1.978 2.188 2.199 2.226 2.081 2.293 2.303 2.211
ns
RSDS_E_3R
—
GCLK
t
co
3.096
3.333
4.734 5.134 5.648 5.509 5.793 5.259 5.772 5.636 5.869
ns
GCLK
PLL
tco
1.304
1.483
1.932 2.033 2.250 2.261 2.288 2.140 2.359 2.369 2.277
ns
DIFFERENTIAL
1.2-V HSTL
CLASS I
4mA
GCLK
t
co
3.127
3.363
4.758 5.157 5.670 5.531 5.815 5.280 5.792 5.656 5.889
ns
GCLK
PLL
t
co
1.335
1.513
1.956 2.056 2.272 2.283 2.310 2.161 2.379 2.389 2.297
ns
6mA
GCLK
t
co
3.117
3.353
4.748 5.146 5.660 5.521 5.805 5.269 5.782 5.646 5.879
ns
GCLK
PLL
t
co
1.325
1.503
1.946 2.045 2.262 2.273 2.300 2.150 2.369 2.379 2.287
ns
8mA
GCLK
tco
3.117
3.353
4.751 5.150 5.664 5.525 5.809 5.274 5.787 5.651 5.884
ns
GCLK
PLL
t
co
1.325
1.503
1.949 2.049 2.266 2.277 2.304 2.155 2.374 2.384 2.292
ns
10mA
GCLK
t
co
3.110
3.347
4.744 5.144 5.658 5.519 5.803 5.267 5.781 5.645 5.878
ns
GCLK
PLL
t
co
1.318
1.497
1.942 2.043 2.260 2.271 2.298 2.148 2.368 2.378 2.286
ns
12mA
GCLK
t
co
3.109
3.345
4.741 5.141 5.655 5.516 5.800 5.264 5.777 5.641 5.874
ns
GCLK
PLL
t
co
1.317
1.495
1.939 2.040 2.257 2.268 2.295 2.145 2.364 2.374 2.282
ns
DIFFERENTIAL
1.2-V HSTL
CLASS II
16mA
GCLK
t
co
3.131
3.367
4.762 5.161 5.674 5.535 5.819 5.284 5.797 5.661 5.894
ns
GCLK
PLL
t
co
1.339
1.517
1.960 2.060 2.276 2.287 2.314 2.165 2.384 2.394 2.302
ns
DIFFERENTIAL
1.5-V HSTL
CLASS I
4mA
GCLK
tco
3.121
3.356
4.741 5.138 5.649 5.510 5.794 5.260 5.770 5.634 5.867
ns
GCLK
PLL
t
co
1.329
1.506
1.939 2.037 2.251 2.262 2.289 2.141 2.357 2.367 2.275
ns
6mA
GCLK
t
co
3.116
3.352
4.741 5.138 5.650 5.511 5.795 5.261 5.772 5.636 5.869
ns
GCLK
PLL
t
co
1.324
1.502
1.939 2.037 2.252 2.263 2.290 2.142 2.359 2.369 2.277
ns
8mA
GCLK
t
co
3.114
3.350
4.740 5.137 5.648 5.509 5.793 5.260 5.771 5.635 5.868
ns
GCLK
PLL
t
co
1.322
1.500
1.938 2.036 2.250 2.261 2.288 2.141 2.358 2.368 2.276
ns
10mA
GCLK
t
co
3.106
3.341
4.730 5.127 5.639 5.500 5.784 5.250 5.761 5.625 5.858
ns
GCLK
PLL
t
co
1.314
1.491
1.928 2.026 2.241 2.252 2.279 2.131 2.348 2.358 2.266
ns
12mA
GCLK
tco
3.107
3.343
4.736 5.134 5.647 5.508 5.792 5.258 5.770 5.634 5.867
ns
GCLK
PLL
t
co
1.315
1.493
1.934 2.033 2.249 2.260 2.287 2.139 2.357 2.367 2.275
ns
DIFFERENTIAL
1.5-V HSTL
CLASS II
16mA
GCLK
t
co
3.106
3.340
4.719 5.115 5.625 5.486 5.770 5.237 5.746 5.610 5.843
ns
GCLK
PLL
t
co
1.314
1.490
1.917 2.014 2.227 2.238 2.265 2.118 2.333 2.343 2.251
ns
Table 1–67. EP3SL110 Column Pins Output Timing Parameters (Part 2 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com