Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 124 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 124 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 120Page - Altera Corporation EP3SL340 Datasheet HTML 121Page - Altera Corporation EP3SL340 Datasheet HTML 122Page - Altera Corporation EP3SL340 Datasheet HTML 123Page - Altera Corporation EP3SL340 Datasheet HTML 124Page - Altera Corporation EP3SL340 Datasheet HTML 125Page - Altera Corporation EP3SL340 Datasheet HTML 126Page - Altera Corporation EP3SL340 Datasheet HTML 127Page - Altera Corporation EP3SL340 Datasheet HTML 128Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 341 page
background image
1–114
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.8-V HSTL
CLASS I
4mA
GCLK
tco
3.118
3.353
4.737 5.133 5.643 5.504 5.788 5.256 5.765 5.629 5.862
ns
GCLK
PLL
t
co
1.326
1.503
1.935 2.032 2.245 2.256 2.283 2.137 2.352 2.362 2.270
ns
6mA
GCLK
t
co
3.114
3.350
4.738 5.135 5.647 5.508 5.792 5.258 5.769 5.633 5.866
ns
GCLK
PLL
tco
1.322
1.500
1.936 2.034 2.249 2.260 2.287 2.139 2.356 2.366 2.274
ns
8mA
GCLK
t
co
3.104
3.339
4.727 5.124 5.635 5.496 5.780 5.247 5.757 5.621 5.854
ns
GCLK
PLL
t
co
1.312
1.489
1.925 2.023 2.237 2.248 2.275 2.128 2.344 2.354 2.262
ns
10mA
GCLK
t
co
3.102
3.337
4.725 5.121 5.633 5.494 5.778 5.245 5.755 5.619 5.852
ns
GCLK
PLL
t
co
1.310
1.487
1.923 2.020 2.235 2.246 2.273 2.126 2.342 2.352 2.260
ns
12mA
GCLK
tco
3.102
3.338
4.728 5.126 5.638 5.499 5.783 5.249 5.761 5.625 5.858
ns
GCLK
PLL
t
co
1.310
1.488
1.926 2.025 2.240 2.251 2.278 2.130 2.348 2.358 2.266
ns
DIFFERENTIAL
1.8-V HSTL
CLASS II
16mA
GCLK
t
co
3.106
3.341
4.725 5.121 5.632 5.493 5.777 5.244 5.754 5.618 5.851
ns
GCLK
PLL
t
co
1.314
1.491
1.923 2.020 2.234 2.245 2.272 2.125 2.341 2.351 2.259
ns
DIFFERENTIAL
1.5-V SSTL
CLASS I
4mA
GCLK
t
co
3.132
3.370
4.770 5.169 5.682 5.543 5.827 5.292 5.804 5.668 5.901
ns
GCLK
PLL
t
co
1.340
1.520
1.968 2.068 2.284 2.295 2.322 2.173 2.391 2.401 2.309
ns
6mA
GCLK
t
co
3.118
3.356
4.758 5.158 5.672 5.533 5.817 5.282 5.795 5.659 5.892
ns
GCLK
PLL
t
co
1.326
1.506
1.956 2.057 2.274 2.285 2.312 2.163 2.382 2.392 2.300
ns
8mA
GCLK
tco
3.106
3.343
4.741 5.140 5.654 5.515 5.799 5.264 5.777 5.641 5.874
ns
GCLK
PLL
t
co
1.314
1.493
1.939 2.039 2.256 2.267 2.294 2.145 2.364 2.374 2.282
ns
10mA
GCLK
t
co
3.106
3.343
4.744 5.144 5.658 5.519 5.803 5.268 5.782 5.646 5.879
ns
GCLK
PLL
t
co
1.314
1.493
1.942 2.043 2.260 2.271 2.298 2.149 2.369 2.379 2.287
ns
12mA
GCLK
t
co
3.102
3.339
4.737 5.136 5.651 5.512 5.796 5.261 5.774 5.638 5.871
ns
GCLK
PLL
t
co
1.310
1.489
1.935 2.035 2.253 2.264 2.291 2.142 2.361 2.371 2.279
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
8mA
GCLK
t
co
3.106
3.341
4.730 5.127 5.639 5.500 5.784 5.250 5.761 5.625 5.858
ns
GCLK
PLL
t
co
1.314
1.491
1.928 2.026 2.241 2.252 2.279 2.131 2.348 2.358 2.266
ns
16mA
GCLK
tco
3.107
3.343
4.738 5.137 5.650 5.511 5.795 5.260 5.773 5.637 5.870
ns
GCLK
PLL
t
co
1.315
1.493
1.936 2.036 2.252 2.263 2.290 2.141 2.360 2.370 2.278
ns
Table 1–67. EP3SL110 Column Pins Output Timing Parameters (Part 3 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com