Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 121 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 121 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 117Page - Altera Corporation EP3SL340 Datasheet HTML 118Page - Altera Corporation EP3SL340 Datasheet HTML 119Page - Altera Corporation EP3SL340 Datasheet HTML 120Page - Altera Corporation EP3SL340 Datasheet HTML 121Page - Altera Corporation EP3SL340 Datasheet HTML 122Page - Altera Corporation EP3SL340 Datasheet HTML 123Page - Altera Corporation EP3SL340 Datasheet HTML 124Page - Altera Corporation EP3SL340 Datasheet HTML 125Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–111
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
MINI-LVDS
GCLK
tsu
-0.919
-0.950
-1.021 -0.981
-1.115 -1.070
-1.404
-0.940
-1.066
-1.023
-1.442
ns
t
h
1.043
1.092
1.245
1.237
1.395
1.339
1.672
1.207
1.358
1.303
1.711
ns
GCLK
PLL
t
su
0.959
0.987
1.949
2.324
2.527
2.403
2.334
2.384
2.597
2.470
2.387
ns
t
h
-0.698
-0.708
-1.513 -1.828
-1.977 -1.881
-1.804
-1.875
-2.032
-1.933
-1.853
ns
RSDS
GCLK
t
su
-0.919
-0.950
-1.021 -0.981
-1.115 -1.070
-1.404
-0.940
-1.066
-1.023
-1.442
ns
t
h
1.043
1.092
1.245
1.237
1.395
1.339
1.672
1.207
1.358
1.303
1.711
ns
GCLK
PLL
t
su
0.959
0.987
1.949
2.324
2.527
2.403
2.334
2.384
2.597
2.470
2.387
ns
th
-0.698
-0.708
-1.513 -1.828
-1.977 -1.881
-1.804
-1.875
-2.032
-1.933
-1.853
ns
DIFFERENTIAL
1.2-V
HSTL CLASS I
GCLK
t
su
-0.724
-0.765
-1.113 -1.210
-1.304 -1.254
-1.583
-1.211
-1.303
-1.255
-1.626
ns
t
h
0.841
0.898
1.302
1.420
1.535
1.474
1.802
1.429
1.543
1.483
1.846
ns
GCLK
PLL
t
su
1.154
1.172
1.862
2.100
2.338
2.219
2.155
2.117
2.360
2.238
2.203
ns
t
h
-0.900
-0.902
-1.458 -1.649
-1.837 -1.746
-1.674
-1.657
-1.847
-1.753
-1.718
ns
DIFFERENTIAL
1.2-V
HSTL CLASS II
GCLK
tsu
-0.724
-0.765
-1.113 -1.210
-1.304 -1.254
-1.583
-1.211
-1.303
-1.255
-1.626
ns
t
h
0.841
0.898
1.302
1.420
1.535
1.474
1.802
1.429
1.543
1.483
1.846
ns
GCLK
PLL
t
su
1.154
1.172
1.862
2.100
2.338
2.219
2.155
2.117
2.360
2.238
2.203
ns
t
h
-0.900
-0.902
-1.458 -1.649
-1.837 -1.746
-1.674
-1.657
-1.847
-1.753
-1.718
ns
DIFFERENTIAL
1.5-V
HSTL CLASS I
GCLK
t
su
-0.733
-0.777
-1.122 -1.220
-1.320 -1.270
-1.599
-1.220
-1.319
-1.271
-1.642
ns
t
h
0.850
0.910
1.311
1.430
1.551
1.490
1.818
1.438
1.559
1.499
1.862
ns
GCLK
PLL
t
su
1.145
1.160
1.853
2.090
2.322
2.203
2.139
2.108
2.344
2.222
2.187
ns
th
-0.891
-0.890
-1.449 -1.639
-1.821 -1.730
-1.658
-1.648
-1.831
-1.737
-1.702
ns
DIFFERENTIAL
1.5-V
HSTL CLASS II
GCLK
t
su
-0.733
-0.777
-1.122 -1.220
-1.320 -1.270
-1.599
-1.220
-1.319
-1.271
-1.642
ns
t
h
0.850
0.910
1.311
1.430
1.551
1.490
1.818
1.438
1.559
1.499
1.862
ns
GCLK
PLL
t
su
1.145
1.160
1.853
2.090
2.322
2.203
2.139
2.108
2.344
2.222
2.187
ns
t
h
-0.891
-0.890
-1.449 -1.639
-1.821 -1.730
-1.658
-1.648
-1.831
-1.737
-1.702
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
GCLK
tsu
-0.747
-0.789
-1.131 -1.230
-1.338 -1.288
-1.617
-1.231
-1.336
-1.288
-1.659
ns
t
h
0.864
0.922
1.321
1.440
1.569
1.508
1.836
1.449
1.576
1.516
1.879
ns
GCLK
PLL
t
su
1.131
1.148
1.840
2.080
2.304
2.185
2.121
2.097
2.327
2.205
2.170
ns
t
h
-0.877
-0.878
-1.437 -1.629
-1.803 -1.712
-1.640
-1.637
-1.814
-1.720
-1.685
ns
DIFFERENTIAL
1.8-V
HSTL CLASS II
GCLK
t
su
-0.747
-0.789
-1.131 -1.230
-1.338 -1.288
-1.617
-1.231
-1.336
-1.288
-1.659
ns
t
h
0.864
0.922
1.321
1.440
1.569
1.508
1.836
1.449
1.576
1.516
1.879
ns
GCLK
PLL
t
su
1.131
1.148
1.840
2.080
2.304
2.185
2.121
2.097
2.327
2.205
2.170
ns
th
-0.877
-0.878
-1.437 -1.629
-1.803 -1.712
-1.640
-1.637
-1.814
-1.720
-1.685
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
GCLK
t
su
-0.733
-0.777
-1.122 -1.220
-1.320 -1.270
-1.599
-1.220
-1.319
-1.271
-1.642
ns
t
h
0.850
0.910
1.311
1.430
1.551
1.490
1.818
1.438
1.559
1.499
1.862
ns
GCLK
PLL
t
su
1.145
1.160
1.853
2.090
2.322
2.203
2.139
2.108
2.344
2.222
2.187
ns
t
h
-0.891
-0.890
-1.449 -1.639
-1.821 -1.730
-1.658
-1.648
-1.831
-1.737
-1.702
ns
Table 1–66. EP3SL110 Row Pins Input Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com