Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 21Page - Texas Instruments CC2500RGPR Datasheet HTML 22Page - Texas Instruments CC2500RGPR Datasheet HTML 23Page - Texas Instruments CC2500RGPR Datasheet HTML 24Page - Texas Instruments CC2500RGPR Datasheet HTML 25Page - Texas Instruments CC2500RGPR Datasheet HTML 26Page - Texas Instruments CC2500RGPR Datasheet HTML 27Page - Texas Instruments CC2500RGPR Datasheet HTML 28Page - Texas Instruments CC2500RGPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 99 page
background image
CC2500
SWRS040C
Page 25 of 89
When using OOK modulation the first two
entries into this table are used (index 0
and index 1).
Since the PATABLE is an 8-byte table, the
table is written and read from the lowest
setting (0) to the highest (7), one byte at a
time. An index counter is used to control the
access
to
the
table.
This
counter
is
incremented each time a byte is read or
written to the table, and set to the lowest index
when CSn is high. When the highest value is
reached the counter restarts at 0.
The access to the PATABLE is either single
byte or burst access depending on the burst
bit. When using burst access the index counter
will count up; when reaching 7 the counter will
restart at 0. The R/W bit controls whether the
access is a write access (R/W=0) or a read
access (R/W=1).
If one byte is written to the PATABLE and this
value is to be read out then CSn must be set
high before the read access in order to set the
index counter back to zero.
Note that the content of the PATABLE is lost
when entering the SLEEP state, except for the
first byte (index 0).
See Section 24 on page 46 for output power
programming details.
Figure 9: Register Access Types
11 Microcontroller Interface and Pin Configuration
In a typical system,
CC2500 will interface to a
microcontroller. This microcontroller must be
able to:
 Program CC2500 into different modes
 Read and write buffered data
 Read back status information via the 4-wire
SPI-bus configuration interface (SI, SO,
SCLK
and CSn)
11.1
Configuration Interface
The microcontroller uses four I/O pins for the
SPI configuration interface (SI, SO, SCLK and
CSn
). The SPI is described in Section 10 on
page 21.
11.2
General Control and Status Pins
The
CC2500 has two dedicated configurable
pins (GDO0 and GDO2) and one shared pin
(GDO1)
that
can
output
internal
status
information useful for control software. These
pins can be used to generate interrupts on the
MCU. See Section 28 on page 51 for more
details on the signals that can be programmed.
GDO1
is shared with the SO pin in the SPI
interface. The default setting for GDO1/SO is 3-
state output. By selecting any other of the
programming options the GDO1/SO pin will
become a generic pin. When CSn is low, the
pin will always function as a normal SO pin.
In the synchronous and asynchronous serial
modes, the GDO0 pin is used as a serial TX
data input pin while in transmit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com