Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 33Page - Texas Instruments CC2500RGPR Datasheet HTML 34Page - Texas Instruments CC2500RGPR Datasheet HTML 35Page - Texas Instruments CC2500RGPR Datasheet HTML 36Page - Texas Instruments CC2500RGPR Datasheet HTML 37Page - Texas Instruments CC2500RGPR Datasheet HTML 38Page - Texas Instruments CC2500RGPR Datasheet HTML 39Page - Texas Instruments CC2500RGPR Datasheet HTML 40Page - Texas Instruments CC2500RGPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 99 page
background image
CC2500
SWRS040C
Page 37 of 89
17.5
Clear Channel Assessment (CCA)
The Clear Channel Assessment CCA) is used
to indicate if the current channel is free or
busy. The current CCA state is viewable on
any of the GDO pins by setting IOCFGx.GDOx_
CFG
=0x09.
MCSM1.CCA_MODE
selects the mode to use
when determining CCA.
When the STX or SFSTXON command strobe is
given while
CC2500 is in the RX state, the TX
or FSTXON state is only entered if the clear
channel requirements are fulfilled. The chip
will otherwise remain in RX (if the channel
becomes available, the radio will not enter TX
or
FSTXON
state
before
a
new
strobe
command is sent on the SPI interface). This
feature
is
called
TX-if-CCA.
Four
CCA
requirements can be programmed: Four CCA
requirements can be programmed:
Always (CCA disabled, always goes to TX)
If RSSI is below threshold
Unless currently receiving a packet
Both the above (RSSI below threshold and
not currently receiving a packet)
17.6
Link Quality Indicator (LQI)
The Link Quality Indicator is a metric of the
current quality of the received signal. If
PKTCTRL1.APPEND_STATUS
is enabled, the
value is automatically added to the last byte
appended after the payload. The value can
also be read from the LQI status register. The
LQI gives an estimate of how easily a received
signal can be demodulated by accumulating
the magnitude of the error between ideal
constellations and the received signal over the
64 symbols immediately following the sync
word.
LQI
is
best
used
as
a
relative
measurement of the link quality (a high value
indicates a better link than what a low value
does), since the value is dependent on the
modulation format.
18 Forward Error Correction with Interleaving
18.1
Forward Error Correction (FEC)
CC2500 has built in support for Forward Error
Correction (FEC). To enable this option, set
MDMCFG1.FEC_EN
to 1. FEC is only supported
in
fixed
packet
length
mode
(PKTCTRL0.LENGTH_CONFIG=0).
FEC
is
employed on the data field and CRC word in
order to reduce the gross bit error rate when
operating
near
the
sensitivity
limit.
Redundancy is added to the transmitted data
in such a way that the receiver can restore the
original data in the presence of some bit
errors.
The use of FEC allows correct reception at a
lower SNR, thus extending communication
range. Alternatively, for a given SNR, using
FEC decreases the bit error rate (BER). As the
packet error rate (PER) is related to BER by:
length
packet
BER
PER
_
)
1
(
1
a lower BER can be used to allow longer
packets, or a higher percentage of packets of
a given length, to be transmitted successfully.
Finally, in realistic ISM radio environments,
transient and time-varying phenomena will
produce occasional errors even in otherwise
good reception conditions. FEC will mask such
errors and, combined with interleaving of the
coded
data,
even
correct
relatively
long
periods of faulty reception (burst errors).
The FEC scheme adopted for
CC2500 is
convolutional coding, in which n bits are
generated based on k input bits and the m
most recent input bits, forming a code stream
able to withstand a certain number of bit errors
between each coding state (the m-bit window).
The convolutional coder is a rate 1/2 code with
a constraint length of m=4. The coder codes
one input bit and produces two output bits;
hence, the effective data rate is halved. I.e. to
transmit at the same effective data rate when
using FEC, it is necessary to use twice as high
over-the-air data rate. This will require a higher
receiver
bandwidth,
and
thus
reduce
sensitivity.
In other
words,
the
improved
reception by using FEC and the degraded
sensitivity from a higher receiver bandwidth
will be counteracting factors.
18.2
Interleaving
Data received through radio channels will
often
experience
burst
errors
due
to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com