Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 80 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 76Page - Texas Instruments CC2500RGPR Datasheet HTML 77Page - Texas Instruments CC2500RGPR Datasheet HTML 78Page - Texas Instruments CC2500RGPR Datasheet HTML 79Page - Texas Instruments CC2500RGPR Datasheet HTML 80Page - Texas Instruments CC2500RGPR Datasheet HTML 81Page - Texas Instruments CC2500RGPR Datasheet HTML 82Page - Texas Instruments CC2500RGPR Datasheet HTML 83Page - Texas Instruments CC2500RGPR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 99 page
background image
CC2500
SWRS040C
Page 80 of 89
0x25: FSCAL1 – Frequency Synthesizer Calibration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:0
FSCAL1[5:0]
32
(0x20)
R/W
Frequency synthesizer calibration result register. Capacitor array
setting for VCO coarse tuning.
Fast frequency hopping without calibration for each hop can be done
by calibrating upfront for each frequency and saving the resulting
FSCAL3, FSCAL2 and FSCAL1 register values. Between each
frequency hop, calibration can be replaced by writing the FSCAL3,
FSCAL2 and FSCAL1 register values corresponding to the next RF
frequency.
0x26: FSCAL0 – Frequency Synthesizer Calibration
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6:0
FSCAL0[6:0]
13 (0x0D)
R/W
Frequency synthesizer calibration control. The value to use in
this register is given by the SmartRF
Studio software [5].
0x27: RCCTRL1 – RC Oscillator Configuration
Bit
Field Name
Reset
R/W
Description
7
Reserved
0
R0
6:0
RCCTRL1[6:0]
65
(0x41)
R/W
RC oscillator configuration.
0x28: RCCTRL0 – RC Oscillator Configuration
Bit
Field Name
Reset
R/W
Description
7
Reserved
0
R0
6:0
RCCTRL0[6:0]
0
(0x00)
R/W
RC oscillator configuration.
32.2
Configuration Register Details – Registers that Lose Programming in SLEEP State
0x29: FSTEST – Frequency Synthesizer Calibration Control
Bit
Field Name
Reset
R/W
Description
7:0
FSTEST[7:0]
89
(0x59)
R/W
For test only. Do not write to this register.
0x2A: PTEST – Production Test
Bit
Field Name
Reset
R/W
Description
7:0
PTEST[7:0]
127
(0x7F)
R/W
Writing 0xBF to this register makes the on-chip temperature sensor
available in the IDLE state. The default 0x7F value should then be
written back before leaving the IDLE state.
Other use of this register is for test only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com