Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 47Page - Texas Instruments CC2500RGPR Datasheet HTML 48Page - Texas Instruments CC2500RGPR Datasheet HTML 49Page - Texas Instruments CC2500RGPR Datasheet HTML 50Page - Texas Instruments CC2500RGPR Datasheet HTML 51Page - Texas Instruments CC2500RGPR Datasheet HTML 52Page - Texas Instruments CC2500RGPR Datasheet HTML 53Page - Texas Instruments CC2500RGPR Datasheet HTML 54Page - Texas Instruments CC2500RGPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 99 page
background image
CC2500
SWRS040C
Page 51 of 89
Zout = 80 + j74 Ω
To ensure optimal matching of the
CC2500
differential output it is highly recommended to
follow the CC2500EM reference designs [4] as
closely as possible. Gerber files for the
reference designs are available for download
from the TI website.
28 PCB Layout Recommendations
The top layer should be used for signal
routing, and the open areas should be filled
with metallization connected to ground using
several vias.
The area under the chip is used for grounding
and shall be connected to the bottom ground
plane with several vias for good thermal
performance and sufficiently low inductance to
ground. In the CC2500EM reference designs
[4] 5 vias are placed inside the exposed die
attached pad. These vias should be “tented”
(covered with solder mask) on the component
side of the PCB to avoid migration of solder
through the vias during the solder reflow
process.
The solder paste coverage should not be
100%. If it is, out gassing may occur during the
reflow process, which may cause defects
(splattering, solder balling). Using “tented” vias
reduces the solder paste coverage below
100%.
See Figure 28 for top solder resist and top
paste masks. See Figure 30 for recommended
PCB layout for QLP 20 package.
Each decoupling capacitor should be placed
as close as possible to the supply pin it is
supposed
to
decouple.
Each
decoupling
capacitor should be connected to the power
line by separate vias. The best routing is from
the power line to the decoupling capacitor and
then to the
CC2500 supply pin. Supply power
filtering is very important.
Each decoupling capacitor ground pad should
be connected to the ground plane using a
separate via.
Direct connections between
neighboring power pins will increase noise
coupling
and
should
be
avoided
unless
absolutely necessary.
The external components should ideally be as
small as possible (0402 is recommended) and
surface
mount
devices
are
highly
recommended. Please note that components
smaller
than
those
specified
may
have
differing characteristics.
Precaution should be used when placing the
microcontroller
in
order
to
avoid
noise
interfering with the RF circuitry.
A CC2500/2550DK Development Kit with a
fully
assembled
CC2500EM
Evaluation
Module is available. It is strongly advised that
this reference layout is followed very closely in
order to get the best performance. The
schematic, BOM and layout Gerber files are all
available from the TI website [4].
Figure 28: Left: Top Solder Resist Mask (negative). Right: Top Paste Mask. Circles are Vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com