Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 32Page - Texas Instruments CC2500RGPR Datasheet HTML 33Page - Texas Instruments CC2500RGPR Datasheet HTML 34Page - Texas Instruments CC2500RGPR Datasheet HTML 35Page - Texas Instruments CC2500RGPR Datasheet HTML 36Page - Texas Instruments CC2500RGPR Datasheet HTML 37Page - Texas Instruments CC2500RGPR Datasheet HTML 38Page - Texas Instruments CC2500RGPR Datasheet HTML 39Page - Texas Instruments CC2500RGPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 99 page
background image
CC2500
SWRS040C
Page 36 of 89
IOCFGx.GDOx_CFG
=14 and in the status
register bit PKTSTATUS.CS.
Other uses of Carrier Sense include the TX-if-
CCA function (see Section 17.5 on page 37)
and the optional fast RX termination (see
Section 19.7 on page 43).
CS can be used to avoid interference from e.g.
WLAN.
17.4.1 CS Absolute Threshold
The absolute threshold related to the RSSI
value depends on the following register fields:
AGCCTRL2.MAX_LNA_GAIN
AGCCTRL2.MAX_DVGA_GAIN
AGCCTRL1.CARRIER_SENSE_ABS_THR
AGCCTRL2.MAGN_TARGET
For a given AGCCTRL2.MAX_LNA_GAIN and
AGCCTRL2.MAX_DVGA_GAIN
setting
the
absolute threshold can be adjusted ±7 dB in
steps
of
1
dB
using
CARRIER_SENSE_ABS_THR
.
The MAGN_TARGET setting is a compromise
between
blocker
tolerance/selectivity
and
sensitivity. The value sets the desired signal
level in the channel into the demodulator.
Increasing this value reduces the headroom
for blockers, and therefore close-in selectivity.
It is strongly recommended to use SmartRF
®
Studio
[5]
to
generate
the
correct
MAGN_TARGET
setting.
Table 26 and Table 27 show the typical RSSI
readout values at the CS threshold at 2.4
kBaud and 250 kBaud data rate respectively.
The default CARRIER_SENSE_ABS_THR=0 (0
dB) and MAGN_TARGET=3 (33 dB) have been
used.
For other data rates the user must generate
similar
tables
to
find
the
CS
absolute
threshold.
MAX_DVGA_GAIN[1:0]
00
01
10
11
000
-99
-93
-87
-81.5
001
-97
-90.5
-85
-78.5
010
-93.5
-87
-82
-76
011
-91.5
-86
-80
-74
100
-90.5
-84
-78
-72.5
101
-88
-82.5
-76
-70
110
-84.5
-78.5
-73
-67
111
-82.5
-76
-70
-64
Table 26: Typical RSSI Value in dBm at CS
Threshold with Default MAGN_TARGET at 2.4
kBaud
MAX_DVGA_GAIN[1:0]
00
01
10
11
000
-96
-90
-84
-78.5
001
-94.5
-89
-83
-77.5
010
-92.5
-87
-81
-75
011
-91
-85
-78.5
-73
100
-87.5
-82
-76
-70
101
-85
-79.5
-73.5
-67.5
110
-83
-76.5
-70.5
-65
111
-78
-72
-66
-60
Table 27: Typical RSSI Value in dBm at CS
Threshold with Default MAGN_TARGET at 250
kBaud
If the threshold is set high, i.e. only strong
signals are wanted, the threshold should be
adjusted
upwards
by
first
reducing
the
MAX_LNA_GAIN
value
and
then
the
MAX_DVGA_GAIN
value.
This
will
reduce
power consumption in the receiver front end,
since the highest gain settings are avoided.
17.4.2 CS Relative Threshold
The relative threshold detects sudden changes
in the measured signal level. This setting is not
dependent on the absolute signal level and is
thus useful to detect signals in environments
with a time varying noise floor. The register
field
AGCCTRL1.CARRIER_SENSE_REL_THR
is used to enable/disable relative CS, and to
select threshold of 6 dB, 10 dB or 14 dB RSSI
change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com