Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 22Page - Texas Instruments CC2500RGPR Datasheet HTML 23Page - Texas Instruments CC2500RGPR Datasheet HTML 24Page - Texas Instruments CC2500RGPR Datasheet HTML 25Page - Texas Instruments CC2500RGPR Datasheet HTML 26Page - Texas Instruments CC2500RGPR Datasheet HTML 27Page - Texas Instruments CC2500RGPR Datasheet HTML 28Page - Texas Instruments CC2500RGPR Datasheet HTML 29Page - Texas Instruments CC2500RGPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 99 page
background image
CC2500
SWRS040C
Page 26 of 89
The GDO0 pin can also be used for an on-chip
analog temperature sensor. By measuring the
voltage on the GDO0 pin with an external ADC,
the
temperature
can
be
calculated.
Specifications for the temperature sensor are
found in Section 4.7 on page 14.
With default PTEST register setting (0x7F) the
temperature sensor output is only available
when the frequency synthesizer is enabled
(e.g. the MANCAL, FSTXON, RX and TX
states).
It is necessary to write 0xBF to the
PTEST
register to use the analog temperature
sensor in the IDLE state. Before leaving the
IDLE state, the PTEST register should be
restored to its default value (0x7F).
11.3
Optional Radio Control Feature
The
CC2500 has an optional way of controlling
the radio, by reusing SI, SCLK and CSn from
the SPI interface. This feature allows for a
simple three-pin control of the major states of
the radio: SLEEP, IDLE, RX and TX.
This optional functionality is enabled with the
MCSM0.PIN_CTRL_EN
configuration bit.
State changes are commanded as follows:
When CSn is high the SI and SCLK is set to
the desired state according to Table 18. When
CSn
goes low the state of SI and SCLK is
latched and a command strobe is generated
internally according to the control coding. It is
only
possible
to
change
state
with
this
functionality. That means that for instance RX
will not be restarted if SI and SCLK are set to
RX and CSn toggles. When CSn is low the SI
and SCLK has normal SPI functionality.
All pin control command strobes are executed
immediately, except the SPWD strobe, which is
delayed until CSn goes high.
CSn
SCLK
SI
Function
1
X
X
Chip unaffected by SCLK/SI
0
0
Generates SPWD strobe
0
1
Generates STX strobe
1
0
Generates SIDLE strobe
1
1
Generates SRX strobe
0
SPI
mode
SPI
mode
SPI mode (wakes up into
IDLE if in SLEEP/XOFF)
Table 18: Optional Pin Control Coding
12 Data Rate Programming
The data rate used when transmitting, or the
data rate expected in receive is programmed
by
the
MDMCFG3.DRATE_M
and
the
MDMCFG4.DRATE_E
configuration
registers.
The data rate is given by the formula below.
As the formula shows, the programmed data
rate depends on the crystal frequency.
XOSC
E
DRATE
DATA
f
M
DRATE
R
28
_
2
2
_
256
The following approach can be used to find
suitable values for a given data rate:
256
2
2
_
2
log
_
_
28
20
2


E
DRATE
XOSC
DATA
XOSC
DATA
f
R
M
DRATE
f
R
E
DRATE
If DRATE_M is rounded to the nearest integer
and becomes 256, increment DRATE_E and
use DRATE_M=0.
The data rate can be set from 1.2 kBaud to
500 kBaud with the minimum step size of:
Min Data
Rate
[kBaud]
Typical
Data Rate
[kBaud]
Max Data
Rate
[kBaud]
Data Rate
Step Size
[kBaud]
0.8
1.2/2.4
3.17
0.0062
3.17
4.8
6.35
0.0124
6.35
9.6
12.7
0.0248
12.7
19.6
25.4
0.0496
25.4
38.4
50.8
0.0992
50.8
76.8
101.6
0.1984
101.6
153.6
203.1
0.3967
203.1
250
406.3
0.7935
406.3
500
500
1.5869
Table 19: Data Rate Step Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com