Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 54 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 50Page - Texas Instruments CC2500RGPR Datasheet HTML 51Page - Texas Instruments CC2500RGPR Datasheet HTML 52Page - Texas Instruments CC2500RGPR Datasheet HTML 53Page - Texas Instruments CC2500RGPR Datasheet HTML 54Page - Texas Instruments CC2500RGPR Datasheet HTML 55Page - Texas Instruments CC2500RGPR Datasheet HTML 56Page - Texas Instruments CC2500RGPR Datasheet HTML 57Page - Texas Instruments CC2500RGPR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 99 page
background image
CC2500
SWRS040C
Page 54 of 89
30 Asynchronous and Synchronous Serial Operation
Several features and modes of operation have
been included in the
CC2500 to provide
backward compatibility with previous Chipcon
products and other existing RF communication
systems. For new systems, it is recommended
to use the built-in packet handling features, as
they can give more robust communication,
significantly offload the microcontroller and
simplify software development.
30.1
Asynchronous Operation
For
backward
compatibility
with
systems
already using the asynchronous data transfer
from other Chipcon products, asynchronous
transfer is also included in
CC2500. When
asynchronous transfer is enabled, several of
the support mechanisms for the MCU that are
included in
CC2500 will be disabled, such as
packet handling hardware, buffering in the
FIFO and so on. The asynchronous transfer
mode does not allow the use of the data
whitener, interleaver, and FEC, and it is not
possible to use Manchester encoding.
Note
that
MSK
is
not
supported
for
asynchronous transfer.
Setting
PKTCTRL0.PKT_FORMAT
to
3
enables asynchronous serial mode.
In TX, the GDO0 pin is used for data input (TX
data). Data output can be on GDO0, GDO1 or
GDO2
. This is set by the IOCFG0.GDO0_CFG,
IOCFG1.GDO1_CFG
and IOCFG2.GDO2_CFG
fields.
The
CC2500 modulator samples the level of the
asynchronous input 8 times faster than the
programmed data rate. The timing requirement
for the asynchronous stream is that the error in
the bit period must be less than one eighth of
the programmed data rate.
30.2
Synchronous Serial Operation
Setting
PKTCTRL0.PKT_FORMAT
to
1
enables synchronous serial mode. In the
synchronous serial mode, data is transferred
on a two wire serial interface. The
CC2500
provides a clock that is used to set up new
data on the data input line or sample data on
the data output line. Data input (TX data) is the
GDO0
pin. This pin will automatically be
configured as an input when TX is active. The
data output pin can be any of the GDO pins;
this
is
set
by
the
IOCFG0.GDO0_CFG,
IOCFG1.GDO1_CFG
and IOCFG2.GDO2_CFG
fields.
Preamble and sync word insertion/detection
may or may not be active, dependent on the
sync mode set by the MDMCFG2.SYNC_MODE.
If preamble and sync word is disabled, all
other packet handler features and FEC should
also be disabled. The MCU must then handle
preamble
and
sync
word
insertion
and
detection in software. If preamble and sync
word insertion/detection is left on, all packet
handling features and FEC can be used. One
exception is that the address filtering feature is
unavailable in synchronous serial mode.
When using the packet handling features in
synchronous serial mode, the
CC2500 will
insert and detect the preamble and sync word
and the MCU will only provide/get the data
payload.
This
is
equivalent
to
the
recommended FIFO operation mode.
31 System Considerations and Guidelines
31.1
SRD Regulations
International regulations and national laws
regulate the use of radio receivers and
transmitters. The most important regulations
for the 2.4 GHz band are EN 300 440 and EN
300 328 (Europe), FCC CFR47 part 15.247
and
15.249
(USA),
and
ARIB
STD-T66
(Japan). A summary of the most important
aspects of these regulations can be found in
Application Note AN032 [2].
Please note that compliance with regulations
is
dependent
on
complete
system
performance. It is the customer’s responsibility
to ensure that the system complies with
regulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com