Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 61 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 57Page - Texas Instruments CC2500RGPR Datasheet HTML 58Page - Texas Instruments CC2500RGPR Datasheet HTML 59Page - Texas Instruments CC2500RGPR Datasheet HTML 60Page - Texas Instruments CC2500RGPR Datasheet HTML 61Page - Texas Instruments CC2500RGPR Datasheet HTML 62Page - Texas Instruments CC2500RGPR Datasheet HTML 63Page - Texas Instruments CC2500RGPR Datasheet HTML 64Page - Texas Instruments CC2500RGPR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 99 page
background image
CC2500
SWRS040C
Page 61 of 89
32.1
Configuration Register Details – Registers with Preserved Values in SLEEP State
0x00: IOCFG2 – GDO2 Output Pin Configuration
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6
GDO2_INV
0
R/W
Invert output, i.e. select active low (1) / high (0)
5:0
GDO2_CFG[5:0]
41 (0x29)
R/W
Default is CHIP_RDYn (see Table 33 on page 53).
0x01: IOCFG1 – GDO1 Output Pin Configuration
Bit
Field Name
Reset
R/W
Description
7
GDO_DS
0
R/W
Set high (1) or low (0) output drive strength on the
GDO pins.
6
GDO1_INV
0
R/W
Invert output, i.e. select active low (1) / high (0)
5:0
GDO1_CFG[5:0]
46 (0x2E)
R/W
Default is 3-state (see Table 33 on page 53)
0x02: IOCFG0 – GDO0 Output Pin Configuration
Bit
Field Name
Reset
R/W
Description
7
TEMP_SENSOR_ENABLE
0
R/W
Enable analog temperature sensor. Write 0 in all other
register bits when using temperature sensor.
6
GDO0_INV
0
R/W
Invert output, i.e. select active low (1) / high (0)
5:0
GDO0_CFG[5:0]
63 (0x3F)
R/W
Default is CLK_XOSC/192 (see Table 33 on page 53).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com