Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 63Page - Texas Instruments CC2500RGPR Datasheet HTML 64Page - Texas Instruments CC2500RGPR Datasheet HTML 65Page - Texas Instruments CC2500RGPR Datasheet HTML 66Page - Texas Instruments CC2500RGPR Datasheet HTML 67Page - Texas Instruments CC2500RGPR Datasheet HTML 68Page - Texas Instruments CC2500RGPR Datasheet HTML 69Page - Texas Instruments CC2500RGPR Datasheet HTML 70Page - Texas Instruments CC2500RGPR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 99 page
background image
CC2500
SWRS040C
Page 67 of 89
0x12: MDMCFG2 – Modem Configuration
Bit
Field Name
Reset
R/W
Description
7
DEM_DCFILT_OFF
0
R/W
Disable digital DC blocking filter before demodulator.
0 = Enable (better sensitivity)
1 = Disable (current optimized). Only for data rates
≤ 250 kBaud
The recommended IF frequency changes when the DC
blocking is disabled. Please use SmartRF
Studio [5] to
calculate correct register setting.
6:4
MOD_FORMAT[2:0]
0 (000)
R/W
The modulation format of the radio signal
Setting
Modulation format
0 (000)
2-FSK
1 (001)
GFSK
2 (010)
-
3 (011)
OOK
4 (100)
-
5 (101)
-
6 (110)
-
7 (111)
MSK
3
MANCHESTER_EN
0
R/W
Enables Manchester encoding/decoding.
0 = Disable
1 = Enable
2:0
SYNC_MODE[2:0]
2 (010)
R/W
Combined sync-word qualifier mode.
The values 0 (000) and 4 (100) disables preamble and
sync word transmission in TX and preamble and sync
word detection in RX.
The values 1 (001), 2 (010), 5 (101) and 6 (110)
enables 16-bit sync word transmission in TX and 16-
bits sync word detection in RX. Only 15 of 16 bits need
to match in RX when using setting 1 (001) or 5 (101).
The values 3 (011) and 7 (111) enables repeated sync
word transmission in TX and 32-bits sync word
detection in RX (only 30 of 32 bits need to match).
Setting
Sync-word qualifier mode
0 (000)
No preamble/sync
1 (001)
15/16 sync word bits detected
2 (010)
16/16 sync word bits detected
3 (011)
30/32 sync word bits detected
4 (100)
No preamble/sync, carrier-sense
above threshold
5 (101)
15/16 + carrier-sense above threshold
6 (110)
16/16 + carrier-sense above threshold
7 (111)
30/32 + carrier-sense above threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com