Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 27Page - Texas Instruments CC2500RGPR Datasheet HTML 28Page - Texas Instruments CC2500RGPR Datasheet HTML 29Page - Texas Instruments CC2500RGPR Datasheet HTML 30Page - Texas Instruments CC2500RGPR Datasheet HTML 31Page - Texas Instruments CC2500RGPR Datasheet HTML 32Page - Texas Instruments CC2500RGPR Datasheet HTML 33Page - Texas Instruments CC2500RGPR Datasheet HTML 34Page - Texas Instruments CC2500RGPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 99 page
background image
CC2500
SWRS040C
Page 31 of 89
Pre-program
the
PKTLEN
register
to
mod(600,256)=88.
Transmit at least 345 bytes, for example
by filling the 64-byte TX FIFO six times
(384 bytes transmitted).
Set PKTCTRL0.LENGTH_CONFIG=0.
The transmission ends when the packet
counter reaches 88. A total of 600 bytes
are transmitted.
0,1,..........,88,....................255,0,........,88,..................,255,0,........,88,..................,255,0,.......................
Internal byte counter in packet handler counts from 0 to 255 and then starts at 0 again
Length field transmitted and received. Rx and Tx PKTLEN value set to mod(600,256) = 88
Infinite packet length enabled
Fixed packet length
enabled when less than
256 bytes remains of
packet
600 bytes transmitted and
received
Figure 12: Packet Length > 256
15.3
Packet Filtering in Receive Mode
CC2500 supports three different types of
packet-filtering: address filtering, maximum
length filtering and CRC filtering.
15.3.1 Address Filtering
Setting PKTCTRL1.ADR_CHK to any other
value than zero enables the packet address
filter. The packet handler engine will compare
the destination address byte in the packet with
the programmed node address in the ADDR
register and the 0x00 broadcast address when
PKTCTRL1.ADR_CHK
=10b or both 0x00 and
0xFF
broadcast
addresses
when
PKTCTRL1.ADR_CHK
=11b.
If
the
received
address matches a valid address, the packet is
received and written into the RX FIFO. If the
address match fails, the packet is discarded
and receive mode restarted (regardless of the
MCSM1.RXOFF_MODE
setting).
If the received address matches a valid
address when using infinite packet length
mode and address filtering is enabled, 0xFF
will be written into the RX FIFO followed by the
address byte and then the payload data.
15.3.2 Maximum Length Filtering
In
variable
packet
length
mode,
PKTCTRL0.LENGTH_CONFIG
=1,
the
PKTLEN.PACKET_LENGTH
register value is
used to set the maximum allowed packet
length. If the received length byte has a larger
value than this, the packet is discarded and
receive mode restarted (regardless of the
MCSM1.RXOFF_MODE
setting).
15.3.3 CRC Filtering
The filtering of a packet when CRC check fails
is
enabled
by
setting
PKTCTRL1.CRC_AUTOFLUSH
=1.
The
CRC
auto flush function will flush the entire RX
FIFO if the CRC check fails. After auto flushing
the RX FIFO, the next state depends on the
MCSM1.RXOFF_MODE
setting.
PKTCTRL0.CC2400_EN
must be 0 (default)
for the CRC auto flush function to work
correctly.
When using the auto flush function, the
maximum packet length is 63 bytes in variable
packet length mode and 64 bytes in fixed
packet length mode. Note that the maximum
allowed packet length is reduced by two bytes
when
PKTCTRL1.APPEND_STATUS
is
enabled, to make room in the RX FIFO for the
two status bytes appended at the end of the
packet. Since the entire RX FIFO is flushed
when the CRC check fails, the previously
received packet must be read out of the FIFO
before receiving the current packet. The MCU
must not read from the current packet until the
CRC has been checked as OK.
15.4
CRC Check
There are two different CRC implementations.
PKTCTRL0.CC2400_EN
selects between the
2 options. The CRC check is different for the 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com