Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 75 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 71Page - Texas Instruments CC2500RGPR Datasheet HTML 72Page - Texas Instruments CC2500RGPR Datasheet HTML 73Page - Texas Instruments CC2500RGPR Datasheet HTML 74Page - Texas Instruments CC2500RGPR Datasheet HTML 75Page - Texas Instruments CC2500RGPR Datasheet HTML 76Page - Texas Instruments CC2500RGPR Datasheet HTML 77Page - Texas Instruments CC2500RGPR Datasheet HTML 78Page - Texas Instruments CC2500RGPR Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 99 page
background image
CC2500
SWRS040C
Page 75 of 89
0x1B: AGCCTRL2 – AGC Control
Bit
Field Name
Reset
R/W
Description
7:6
MAX_DVGA_GAIN[1:0]
0 (00)
R/W
Reduces the maximum allowable DVGA gain.
Setting
Allowable DVGA settings
0 (00)
All gain settings can be used
1 (01)
The highest gain setting can not be used
2 (10)
The 2 highest gain settings can not be used
3 (11)
The 3 highest gain settings can not be used
5:3
MAX_LNA_GAIN[2:0]
0 (000)
R/W
Sets the maximum allowable LNA + LNA 2 gain relative to the
maximum possible gain.
Setting
Maximum allowable LNA + LNA 2 gain
0 (000)
Maximum possible LNA + LNA 2 gain
1 (001)
Approx. 2.6 dB below maximum possible gain
2 (010)
Approx. 6.1 dB below maximum possible gain
3 (011)
Approx. 7.4 dB below maximum possible gain
4 (100)
Approx. 9.2 dB below maximum possible gain
5 (101)
Approx. 11.5 dB below maximum possible gain
6 (110)
Approx. 14.6 dB below maximum possible gain
7 (111)
Approx. 17.1 dB below maximum possible gain
2:0
MAGN_TARGET[2:0]
3 (011)
R/W
These bits set the target value for the averaged amplitude from
the digital channel filter (1 LSB = 0 dB).
Setting
Target amplitude from channel filter
0 (000)
24 dB
1 (001)
27 dB
2 (010)
30 dB
3 (011)
33 dB
4 (100)
36 dB
5 (101)
38 dB
6 (110)
40 dB
7 (111)
42 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com