Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 36Page - Texas Instruments CC2500RGPR Datasheet HTML 37Page - Texas Instruments CC2500RGPR Datasheet HTML 38Page - Texas Instruments CC2500RGPR Datasheet HTML 39Page - Texas Instruments CC2500RGPR Datasheet HTML 40Page - Texas Instruments CC2500RGPR Datasheet HTML 41Page - Texas Instruments CC2500RGPR Datasheet HTML 42Page - Texas Instruments CC2500RGPR Datasheet HTML 43Page - Texas Instruments CC2500RGPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
CC2500
SWRS040C
Page 40 of 89
19.1.1 Automatic POR
A power-on reset circuit is included in the
CC2500. The minimum requirements stated in
Section 4.9 must be followed for the power-on
reset to function properly. The internal power-
up sequence is completed when CHIP_RDYn
goes low. CHIP_RDYn is observed on the SO
pin after CSn is pulled low. See Section 10.1
for more details on CHIP_RDYn.
When the
CC2500 reset is completed the chip
will be in the IDLE state and the crystal
oscillator will be running. If the chip has had
sufficient time for the crystal oscillator to
stabilize after the power-on-reset, the SO pin
will go low immediately after taking CSn low. If
CSn
is taken low before reset is completed the
SO
pin will first go high, indicating that the
crystal oscillator is not stabilized, before going
low as shown in Figure 16.
Figure 16: Power-On Reset
19.1.2 Manual Reset
The other global reset possibility on
CC2500 is
the SRES command strobe. By issuing this
strobe, all internal registers and states are set
to the default, IDLE state. The manual power-
up sequence is as follows (see Figure 17):
Set SCLK=1 and SI=0, to avoid potential
problems with pin control mode (see
Section 11.3 on page 26).
Strobe CSn low / high.
Hold CSn high for at least 40 µs relative to
pulling CSn low
Pull CSn low and wait for SO to go low
(CHIP_RDYn).
Issue the SRES strobe on the SI line.
When
SO
goes
low
again,
reset
is
complete and the chip is in the IDLE state.
CSn
SO
XOSC Stable
XOSC and voltage regulator switched on
SI
SRES
40 us
Figure 17: Power-On Reset with SRES
Note that the above reset procedure is only
required just after the power supply is first
turned on. If the user wants to reset the
CC2500 after this, it is only necessary to issue
an SRES command strobe.
19.2
Crystal Control
The
crystal
oscillator
(XOSC)
is
either
automatically
controlled
or
always
on,
if
MCSM0.XOSC_FORCE_ON
is set.
In the automatic mode, the XOSC will be
turned off if the SXOFF or SPWD command
strobes are issued; the state machine then
goes to XOFF or SLEEP respectively. This
can only be done from the IDLE state. The
XOSC will be turned off when CSn is released
(goes high). The XOSC will be automatically
turned on again when CSn goes low. The state
machine will then go to the IDLE state. The SO
pin on the SPI interface must be pulled low
before the SPI interface is ready to be used;
as described in Section 10.1 on page 22.
If the XOSC is forced on, the crystal will
always stay on even in the SLEEP state.
Crystal oscillator start-up time depends on
crystal ESR and load capacitances. The
electrical specification for the crystal oscillator
can be found in Section 4.4 on page 12.
19.3
Voltage Regulator Control
The voltage regulator to the digital core is
controlled by the radio controller. When the
chip enters the SLEEP state, which is the state
with the lowest current consumption, the
voltage regulator is disabled. This occurs after
CSn
is released when a SPWD command
strobe has been sent on the SPI interface. The
chip is now in the SLEEP state. Setting CSn
low again will turn on the regulator and crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com