Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 56Page - Texas Instruments CC2500RGPR Datasheet HTML 57Page - Texas Instruments CC2500RGPR Datasheet HTML 58Page - Texas Instruments CC2500RGPR Datasheet HTML 59Page - Texas Instruments CC2500RGPR Datasheet HTML 60Page - Texas Instruments CC2500RGPR Datasheet HTML 61Page - Texas Instruments CC2500RGPR Datasheet HTML 62Page - Texas Instruments CC2500RGPR Datasheet HTML 63Page - Texas Instruments CC2500RGPR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 99 page
background image
CC2500
SWRS040C
Page 60 of 89
Write
Read
Single byte
Burst
Single byte
Burst
+0x00
+0x40
+0x80
+0xC0
0x00
IOCFG2
0x01
IOCFG1
0x02
IOCFG0
0x03
FIFOTHR
0x04
SYNC1
0x05
SYNC0
0x06
PKTLEN
0x07
PKTCTRL1
0x08
PKTCTRL0
0x09
ADDR
0x0A
CHANNR
0x0B
FSCTRL1
0x0C
FSCTRL0
0x0D
FREQ2
0x0E
FREQ1
0x0F
FREQ0
0x10
MDMCFG4
0x11
MDMCFG3
0x12
MDMCFG2
0x13
MDMCFG1
0x14
MDMCFG0
0x15
DEVIATN
0x16
MCSM2
0x17
MCSM1
0x18
MCSM0
0x19
FOCCFG
0x1A
BSCFG
0x1B
AGCCTRL2
0x1C
AGCCTRL1
0x1D
AGCCTRL0
0x1E
WOREVT1
0x1F
WOREVT0
0x20
WORCTRL
0x21
FREND1
0x22
FREND0
0x23
FSCAL3
0x24
FSCAL2
0x25
FSCAL1
0x26
FSCAL0
0x27
RCCTRL1
0x28
RCCTRL0
0x29
FSTEST
0x2A
PTEST
0x2B
AGCTEST
0x2C
TEST2
0x2D
TEST1
0x2E
TEST0
0x2F
0x30
SRES
SRES
PARTNUM
0x31
SFSTXON
SFSTXON
VERSION
0x32
SXOFF
SXOFF
FREQEST
0x33
SCAL
SCAL
LQI
0x34
SRX
SRX
RSSI
0x35
STX
STX
MARCSTATE
0x36
SIDLE
SIDLE
WORTIME1
0x37
WORTIME0
0x38
SWOR
SWOR
PKTSTATUS
0x39
SPWD
SPWD
VCO_VC_DAC
0x3A
SFRX
SFRX
TXBYTES
0x3B
SFTX
SFTX
RXBYTES
0x3C
SWORRST
SWORRST
RCCTRL1_STATUS
0x3D
SNOP
SNOP
RCCTRL0_STATUS
0x3E
PATABLE
PATABLE
PATABLE
PATABLE
0x3F
TX FIFO
TX FIFO
RX FIFO
RX FIFO
Table 37: SPI Address Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com