Electronic Components Datasheet Search
  English  ▼

X  

CC2500RGPR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 43Page - Texas Instruments CC2500RGPR Datasheet HTML 44Page - Texas Instruments CC2500RGPR Datasheet HTML 45Page - Texas Instruments CC2500RGPR Datasheet HTML 46Page - Texas Instruments CC2500RGPR Datasheet HTML 47Page - Texas Instruments CC2500RGPR Datasheet HTML 48Page - Texas Instruments CC2500RGPR Datasheet HTML 49Page - Texas Instruments CC2500RGPR Datasheet HTML 50Page - Texas Instruments CC2500RGPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
CC2500
SWRS040C
Page 47 of 89
Figure 21: PA_POWER and PATABLE
Default power setting
Output power,
typical [dBm]
Current consumption,
typical [mA]
0xC6
-12
11.1
Table 30: Output Power and Current Consumption for Default PATABLE Setting
Output Power,
Typical, +25°C, 3.0 V [dBm]
PATABLE
Value
Current Consumption,
Typical [mA]
(–55 or less)
0x00
8.4
–30
0x50
9.9
–28
0x44
9.7
–26
0xC0
10.2
–24
0x84
10.1
–22
0x81
10.0
–20
0x46
10.1
–18
0x93
11.7
–16
0x55
10.8
–14
0x8D
12.2
–12
0xC6
11.1
–10
0x97
12.2
–8
0x6E
14.1
–6
0x7F
15.0
–4
0xA9
16.2
–2
0xBB
17.7
0
0xFE
21.2
+1
0xFF
21.5
Table 31: Optimum PATABLE Settings for Various Output Power Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com