Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 161Page - Microchip Technology PIC18C601 Datasheet HTML 162Page - Microchip Technology PIC18C601 Datasheet HTML 163Page - Microchip Technology PIC18C601 Datasheet HTML 164Page - Microchip Technology PIC18C601 Datasheet HTML 165Page - Microchip Technology PIC18C601 Datasheet HTML 166Page - Microchip Technology PIC18C601 Datasheet HTML 167Page - Microchip Technology PIC18C601 Datasheet HTML 168Page - Microchip Technology PIC18C601 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 165
PIC18C601/801
FIGURE 15-12:
BAUD RATE GENERATOR TIMING WITH CLOCK ARBITRATION
15.4.6
I2C MASTER MODE START
CONDITION TIMING
To initiate a START condition, the user sets the START
Condition Enable (SEN) bit (SSPCON2 register). If the
SDA and SCL pins are sampled high, the baud rate
generator
is
re-loaded
with
the
contents
of
SSPADD<6:0> and starts its count. If SCL and SDA are
both sampled high when the baud rate generator times
out (TBRG), the SDA pin is driven low. The action of the
SDA being driven low while SCL is high, is the START
condition, and causes the S bit (SSPSTAT register) to
be set. Following this, the baud rate generator is
reloaded with the contents of SSPADD<6:0> and
resumes its count. When the baud rate generator times
out (TBRG), the SEN bit (SSPCON2 register) will be
automatically cleared by hardware, the baud rate gen-
erator is suspended leaving the SDA line held low and
the START condition is complete.
15.4.6.1
WCOL Status Flag
If the user writes the SSPBUF when a START
sequence is in progress, the WCOL is set and the con-
tents of the buffer are unchanged (the write doesn’t
occur).
FIGURE 15-13:
FIRST START BIT TIMING
SDA
SCL
SCL de-asserted but slave holds
DX-1
DX
BRG
SCL is sampled high, reload takes
place and BRG starts its count
03h
02h
01h
00h (hold off)
03h
02h
reload
BRG
value
SCL low (clock arbitration)
SCL allowed to transition high
BRG decrements on
Q2 and Q4 cycles
Note:
If at the beginning of the START condition,
the SDA and SCL pins are already sam-
pled low, or if during the START condition
the SCL line is sampled low before the
SDA line is driven low, a bus collision
occurs, the Bus Collision Interrupt Flag
BCLIF is set, the START condition is
aborted, and the I2C module is reset into its
IDLE state.
Note:
Because
queueing
of
events
is
not
allowed, writing to the lower 5 bits of
SSPCON2 is disabled until the START
condition is complete.
SDA
SCL
S
TBRG
1st bit
2nd bit
TBRG
SDA = 1,
At completion of START bit,
SCL = 1
Write to SSPBUF occurs here
TBRG
Hardware clears SEN bit
TBRG
Write to SEN bit occurs here
Set S bit (SSPSTAT)
and sets SSPIF bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com