Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 162Page - Microchip Technology PIC18C601 Datasheet HTML 163Page - Microchip Technology PIC18C601 Datasheet HTML 164Page - Microchip Technology PIC18C601 Datasheet HTML 165Page - Microchip Technology PIC18C601 Datasheet HTML 166Page - Microchip Technology PIC18C601 Datasheet HTML 167Page - Microchip Technology PIC18C601 Datasheet HTML 168Page - Microchip Technology PIC18C601 Datasheet HTML 169Page - Microchip Technology PIC18C601 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 320 page
background image
PIC18C601/801
DS39541A-page 166
Advance Information
 2001 Microchip Technology Inc.
15.4.7
I2C MASTER MODE REPEATED
START CONDITION TIMING
A Repeated START condition occurs when the RSEN
bit (SSPCON2 register) is programmed high and the
I2C logic module is in the IDLE state. When the RSEN
bit is set, the SCL pin is asserted low. When the SCL
pin is sampled low, the baud rate generator is loaded
with the contents of SSPADD<5:0> and begins count-
ing. The SDA pin is released (brought high) for one
baud rate generator count (TBRG). When the baud rate
generator times out, if SDA is sampled high, the SCL pin
will be de-asserted (brought high). When SCL is sam-
pled high, the baud rate generator is re-loaded with the
contents of SSPADD<6:0> and begins counting. SDA
and SCL must be sampled high for one TBRG. This
action is then followed by assertion of the SDA pin (SDA
= 0) for one TBRG, while SCL is high. Following this, the
RSEN bit (SSPCON2 register) will be automatically
cleared and the baud rate generator will not be reloaded,
leaving the SDA pin held low. As soon as a START con-
dition is detected on the SDA and SCL pins, the S bit
(SSPSTAT register) will be set. The SSPIF bit will not be
set until the baud rate generator has timed out.
Immediately following the SSPIF bit getting set, the
user may write the SSPBUF with the 7-bit address in
7-bit mode, or the default first address in 10-bit mode.
After the first eight bits are transmitted and an ACK is
received, the user may then transmit an additional
eight bits of address (10-bit mode) or eight bits of data
(7-bit mode).
15.4.7.1
WCOL Status Flag
If the user writes the SSPBUF when a Repeated
START sequence is in progress, the WCOL is set and
the contents of the buffer are unchanged (the write
doesn’t occur).
FIGURE 15-14:
REPEATED START CONDITION WAVEFORM
Note 1: If RSEN is programmed while any other
event is in progress, it will not take effect.
2: A bus collision during the Repeated
START condition occurs, if:
• SDA is sampled low when SCL goes
from low to high.
• SCL goes low before SDA is
asserted low. This may indicate that
another master is attempting to
transmit a data "1".
Note:
Because
queueing
of
events
is
not
allowed, writing of the lower 5 bits of
SSPCON2 is disabled until the Repeated
START condition is complete.
SDA
SCL
Sr = Repeated START
Write to SSPCON2
Write to SSPBUF occurs here
Falling edge of ninth clock
End of Xmit
At completion of START bit,
hardware clear RSEN bit
1st Bit
Set S (SSPSTAT<3>)
TBRG
TBRG
SDA = 1,
SDA = 1,
SCL (no change)
SCL = 1
occurs here.
TBRG
TBRG
TBRG
and set SSPIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com