Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 146 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 142Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 143Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 144Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 145Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 146Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 147Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 148Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 149Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Device Descriptors (TLV)
list the complete contents of the device descriptor tag-length-value (TLV) structure for each device type.
Table 103. F677x Device Descriptor Table
F6779IPEU
F6778IPEU
F6777IPEU
F6776IPEU
F6775IPEU
F6779IPZ
F6778IPZ
F6777IPZ
F6776IPZ
F6775IPZ
Description
Address
Size in bytes
Value
Value
Value
Value
Value
Info Length
1A00h
1
06h
06h
06h
06h
06h
CRC Length
1A01h
1
06h
06h
06h
06h
06h
CRC Value
1A02h
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
Device ID
1A04h
2
8196h
8195h
8194h
8193h
8192h
Info Block
Hardware
1A06h
1
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
Revision
Firmware
1A07h
1
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
Revision
Die Record Tag
1A08h
1
08h
08h
08h
08h
08h
Die Record
1A09h
1
0Ah
0Ah
0Ah
0Ah
0Ah
Length
Lot ID
1A0Ah
4
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
Die Record
X Position
1A0Eh
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
Y Position
1A10h
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
Test Record
1A12h
1
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
CP
Test Record FT
1A13h
1
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
ADC
1A14h
1
13h
13h
13h
13h
13h
Calibration Tag
ADC
Calibration
1A15h
1
10h
10h
10h
10h
10h
Length
ADC Gain
1A16h
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
Factor
ADC10
ADC Offset
1A18h
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
Calibration
ADC 15T30
1A1Ah
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
ADC 15T85
1A1Ch
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
ADC 20T30
1A1Eh
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
ADC 20T85
1A20h
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
ADC 25T30
1A22h
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
ADC 25T85
1A24h
2
Per Unit
Per Unit
Per Unit
Per Unit
Per Unit
146
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com