Electronic Components Datasheet Search
  English  ▼

X  

AD9142BCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 41Page - Analog Devices AD9142BCPZ Datasheet HTML 42Page - Analog Devices AD9142BCPZ Datasheet HTML 43Page - Analog Devices AD9142BCPZ Datasheet HTML 44Page - Analog Devices AD9142BCPZ Datasheet HTML 45Page - Analog Devices AD9142BCPZ Datasheet HTML 46Page - Analog Devices AD9142BCPZ Datasheet HTML 47Page - Analog Devices AD9142BCPZ Datasheet HTML 48Page - Analog Devices AD9142BCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 45 of 64
INTERRUPT FLAG0 REGISTER
Address: 0x05, Reset: 0x00, Name: INTERRUPT_FLAG0
Table 27. Bit Descriptions for INTERRUPT_FLAG0
Bits
Bit Name
Settings
Description
Reset
Access
6
SYNC_LOST
SYNC_LOST is set to 1 when sync is lost.
0x0
R
5
SYNC_LOCKED
SYNC_LOCKED is set to 1 when sync is locked.
0x0
R
4
SYNC_DONE
SYNC_DONE is set to 1 when sync is done.
0x0
R
3
PLL_LOST
PLL_LOST is set to 1 when PLL loses lock.
0x0
R
2
PLL_LOCKED
PLL_LOCKED is set to 1 when PLL is locked.
0x0
R
1
OVER_THRESHOLD
OVER_THRESHOLD is set to 1 when input power is
overthreshold.
0x0
R
0
DACOUT_MUTED
DACOUT_MUTED is set to 1 when the DAC output is muted
(midscale dc).
0x0
R
INTERRUPT FLAG1 REGISTER
Address: 0x06, Reset: 0x00, Name: INTERRUPT_FLAG1
Table 28. Bit Descriptions for INTERRUPT_FLAG1
Bits
Bit Name
Settings
Description
Reset
Access
2
FIFO_UNDERFLOW
FIFO_UNDERFLOW is set to 1 when the FIFO read pointer
catches the FIFO write pointer.
0x0
R
1
FIFO_OVERFLOW
FIFO_OVERFLOW is set to 1 when the FIFO write pointer
catches the FIFO read pointer.
0x0
R
0
FIFO_WARNING
FIFO_WARNING is set to 1 when the FIFO is one slot from
empty (≤1) or full (≥6).
0x0
R
INTERRUPT SELECT0 REGISTER
Address: 0x07, Reset: 0x00, Name: IRQ_SEL0
Table 29. Bit Descriptions for IRQ_SEL0
Bits
Bit Name
Settings
Description
Reset
Access
6
SEL_SYNC_LOST
0
Selects the IRQ1 pin.
0x0
RW
1
Selects the IRQ2 pin.
5
SEL_SYNC_LOCKED
0
Selects the IRQ1 pin.
0x0
RW
1
Selects the IRQ2 pin.
4
SEL_SYNC_DONE
0
Selects the IRQ1 pin.
0x0
RW
1
Selects the IRQ2 pin.
3
SEL_PLL_LOST
0
Selects the IRQ1 pin.
0x0
RW
1
Selects the IRQ2 pin.
2
SEL_PLL_LOCKED
0
Selects the IRQ1 pin.
0x0
RW
1
Selects the IRQ2 pin.
1
SEL_OVER_THRESHOLD
0
Selects the IRQ1 pin.
0x0
RW
1
Selects the IRQ2 pin.
0
SEL_DACOUT_MUTED
0
Selects the IRQ1 pin.
0x0
RW
1
Selects the IRQ2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com