Electronic Components Datasheet Search
  English  ▼

X  

AD9142BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 16Page - Analog Devices AD9142BCPZ Datasheet HTML 17Page - Analog Devices AD9142BCPZ Datasheet HTML 18Page - Analog Devices AD9142BCPZ Datasheet HTML 19Page - Analog Devices AD9142BCPZ Datasheet HTML 20Page - Analog Devices AD9142BCPZ Datasheet HTML 21Page - Analog Devices AD9142BCPZ Datasheet HTML 22Page - Analog Devices AD9142BCPZ Datasheet HTML 23Page - Analog Devices AD9142BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 20 of 64
DATA INTERFACE
LVDS INPUT DATA PORTS
The AD9142 has a 16-bit LVDS bus that accepts 16-bit I and Q
data either in word wide (16-bit) or byte wide (8-bit) formats. In
the word wide interface mode, the data is sent over the entire
16-bit data bus. In the byte wide interface mode, the data is sent
over the lower 8-bit (D7 to D0) LVDS bus. Table 11 lists the pin
assignment of the bus and the SPI register configuration for
each mode.
Table 11. LVDS Data Input Modes
Interface Mode
Pin Assignment
SPI Register Configuration
Word
D15 to D0
Register 0x26, Bit 0 = 0
Byte
D7 to D0
Register 0x26, Bit 0 = 1
WORD INTERFACE MODE
In word mode, the digital clock input (DCI) signal is a reference
bit that generates a double data rate (DDR) data sampling clock.
Time align the DCI signal with the data. The IDAC data follows
the rising edge of the DCI, and the QDAC data follows the
falling edge of the DCI, as shown in Figure 33.
Figure 33. Timing Diagram for Word Mode
BYTE INTERFACE MODE
In byte mode, the required sequence of the input data stream is
I[15:8], I[7:0], Q[15:8], Q[7:0]. A frame signal is required to
align the order of input data bytes properly. Time align both the
DCI signal and frame signal with the data. The rising edge of
the frame indicates the start of the sequence. The frame can be
either a one shot or periodical signal as long as its first rising
edge is correctly captured by the device. For a one shot frame,
the frame pulse needs to hold at high for at least one DCI cycle.
For a periodical frame, the frequency needs to be
fDCI/(2 × n)
where n is a positive integer, that is, 1, 2, 3, …
Figure 34 is an example of signal timing in byte mode.
Figure 34. Timing Diagram for Byte Mode
DATA INTERFACE CONFIGURATION OPTIONS
To provide more flexibility for the data interface, some
additional options are listed in Table 12.
Table 12. Data Interface Configuration Options
Register 0x26
Function
Data Format (Bit 7)
Select between binary and twos
complement formats.
Data Pairing (Bit 6)
Indicate I/Q data pairing on data input.
This allows the I and Q data that is
received to be paired in various ways.
Data Bus Invert (Bit 5)
Swaps the bit order of the data input
port. Remaps the input data from
D[15:0] to D[0:15].
I0
Q0
I1
Q1
WORD MODE
DCI
INPUT DATA[15:0]
I0[15:8]
I0[7:0]
Q0[15:8]
Q0[7:0]
BYTE MODE
DCI
FRAME
INPUT DATA[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com