Electronic Components Datasheet Search
  English  ▼

X  

AD9142BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 23Page - Analog Devices AD9142BCPZ Datasheet HTML 24Page - Analog Devices AD9142BCPZ Datasheet HTML 25Page - Analog Devices AD9142BCPZ Datasheet HTML 26Page - Analog Devices AD9142BCPZ Datasheet HTML 27Page - Analog Devices AD9142BCPZ Datasheet HTML 28Page - Analog Devices AD9142BCPZ Datasheet HTML 29Page - Analog Devices AD9142BCPZ Datasheet HTML 30Page - Analog Devices AD9142BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 27 of 64
4× Interpolation Mode
Figure 41 and Figure 42 show the pass-band and all-band filter
responses for 4× mode.
Figure 41. Pass-Band Detail of 4× Mode
Figure 42. All-Band Response of 4× Mode
8× Interpolation Mode
Figure 43 and Figure 44 show the pass-band and all-band filter
responses for 8× mode. The maximum DAC update rate is 1.6 GHz,
and the maximum input data rate that is supported in this mode is
200 MHz (1.6 GHz/8).
Figure 43. Pass-Band Detail of 8× Mode
Figure 44. All-Band Response of 8× Mode
Table 15. Half-Band Filter 1 Coefficient
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(55)
−4
H(2)
H(54)
0
H(3)
H(53)
+13
H(4)
H(52)
0
H(5)
H(51)
−32
H(6)
H(50)
0
H(7)
H(49)
+69
H(8)
H(48)
0
H(9)
H(47)
−134
H(10)
H(46)
0
H(11)
H(45)
+239
H(12)
H(44)
0
H(13)
H(43)
−401
H(14)
H(42)
0
H(15)
H(41)
+642
H(16)
H(40)
0
H(17)
H(39)
−994
H(18)
H(38)
0
H(19)
H(37)
+1512
H(20)
H(36)
0
H(21)
H(35)
−2307
H(22)
H(34)
0
H(23)
H(33)
+3665
H(24)
H(32)
0
H(25)
H(31)
−6638
H(26)
H(30)
0
H(27)
H(29)
+20,754
H(28)
+32,768
0.02
–0.10
–0.08
–0.06
–0.04
–0.02
0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
FREQUENCY (Hz)
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (Hz)
0.02
–0.10
–0.08
–0.06
–0.04
–0.02
0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
FREQUENCY (Hz)
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com