Electronic Components Datasheet Search
  English  ▼

X  

AD9142BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 25Page - Analog Devices AD9142BCPZ Datasheet HTML 26Page - Analog Devices AD9142BCPZ Datasheet HTML 27Page - Analog Devices AD9142BCPZ Datasheet HTML 28Page - Analog Devices AD9142BCPZ Datasheet HTML 29Page - Analog Devices AD9142BCPZ Datasheet HTML 30Page - Analog Devices AD9142BCPZ Datasheet HTML 31Page - Analog Devices AD9142BCPZ Datasheet HTML 32Page - Analog Devices AD9142BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 29 of 64
SPI Initiated Update
In the SPI initiated update method, the user simply toggles
Register 0x30[0] (NCO_SPI_UPDATE_REQ) after configuring
the NCO settings. The NCO is updated on the rising edge (from
0 to 1) in this bit. Register 0x30[1] (NCO_SPI_UPDATE_ACK)
goes high when the NCO is updated. A falling edge (from 1 to
0) in Register 0x30[0] clears Bit 1 of Register 0x30 and prepares
the NCO for the next update operation. This update method is
recommended when there is no requirement to align the DAC
output from multiple devices because SPI writes to multiple
devices are asynchronous.
Frame Initiated Update
When the DAC output from multiple devices needs to be well
aligned with NCO turned on, the frame initiated update is
recommended. In this method, the NCOs from multiple devices
are updated at the same time upon the rising edge of the frame
signal. To use this update method, the FRAME_RESET_MODE
(Register 0x22[1:0]) needs to be set in NCO only or FIFO and
NCO, depending on whether FIFO reset is needed at the same
time. The second step is to ensure that the reset mode is in one
shot mode (EN_CON_FRAME_RESET, Register 0x22[2] = 0).
When this second step is completed, the NCO waits for a valid
frame pulse and updates the FTW accordingly. The user can verify
if the frame pulse is correctly received by reading Register 0x30[6]
(NCO_FRAME_ UPDATE_ACK) wherein a 1 indicates a
complete update operation. See the FIFO Operation section for
information to generate a valid frame pulse.
DATAPATH CONFIGURATION
Configuring the AD9142 datapath starts with the following four
parameters:
•
The application requirements of the input data rate
•
The interpolation ratio
•
The output signal center frequency
•
The output signal bandwidth
Given these four parameters, the first step in configuring the
datapath is to verify that the device supports the desired input
data rate, the DAC sampling rate, and the bandwidth requirements.
After this verification, the modes of the interpolation filters can be
chosen. If the output signal center frequency is different from the
baseband input center frequency, additional frequency offset
requirements are determined and applied with on-chip digital
modulation.
DIGITAL QUADRATURE GAIN AND PHASE
ADJUSTMENT
The digital quadrature gain and phase adjustment function
enables compensation of the gain and phase imbalance of the I
and Q paths caused by analog mismatches between DAC I/Q
outputs, quadrature modulator I/Q baseband inputs, and
DAC/modulator interface I/Q paths. The undesired imbalances
cause unwanted sideband signal to appear at the quadrature
modulator output with significant energy. Tuning the
quadrature gain and phase adjust values optimizes image
rejection in single sideband radios.
Quadrature Gain Adjustment
Ordinarily, the I and Q channels have the same gain or signal
magnitude. The quadrature gain adjustment is used to balance the
gain between the I and Q channels. The digital gain of the I and Q
channels can be adjusted independently through two 6-bit registers,
IDAC_GAIN_ADJ (Register 0x3F[5:0]) and QDAC_GAIN_ADJ
(Register 0x40[5:0]). The range of the adjustment is [0, 2] or [−∞,
6 dB] with a step size of 2−5 (−30 dB). The default setting is 0x20,
corresponding to a gain equal to 1 or 0 dB.
Quadrature Phase Adjustment
Under normal circumstances, I and Q channels have an angle of
precisely 90 degrees between them. The quadrature phase adjust-
ment is used to change the angle between the I and Q channels.
IQ_PHASE_ADJ[12:0] (Register 0x37 and Register 0x38) provide
an adjustment range of ±14 degrees with a resolution of 0.0035
degrees. If the original angle is precisely 90 degrees, setting
IQ_PHASE_ADJ[12:0] to 0x0FFF adds approximately 14 degrees
between I and QDAC outputs, creating an angle of 104 degrees
between the channels. Likewise, if the original angle is precisely
90 degrees, setting IQ_PHASE_ADJ[12:0] to 0x1000 adds
approximately −14 degrees between the I and QDAC outputs,
creating an angle of 76 degrees between the channels.
DC OFFSET ADJUSTMENT
The dc value of the I datapath and the Q datapath can be controlled
independently by adjusting the values in the two 16-bit registers,
IDAC_DC_OFFSET, Bits[15:0] and QDAC_DC_OFFSET,
Bits[15:0] (Register 0x3B through Register 0x3E). These values
are added directly to the datapath values. Care should be taken
not to overrange the transmitted values.
As shown in Figure 46, the DAC offset current varies as a function
of the I/QDAC_DC_OFFSET values. Figure 46 shows the
nominal current of the positive node of the DAC output, IOUTP,
when the digital inputs are fixed at midscale (0x0000, twos
complement data format) and the DAC offset value is swept from
0x0000 to 0xFFFF. Because IOUTP and IOUTN are complementary
current outputs, the sum of IOUTP and IOUTN is always 20 mA.
Figure 46. DAC Output Currents vs. DAC Offset Value
0x0000
0x4000
0x8000
0xC000
0xFFFF
5
10
15
20
5
10
15
20
0
0
DAC OFFSET VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com