Electronic Components Datasheet Search
  English  ▼

X  

AD9142BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 10Page - Analog Devices AD9142BCPZ Datasheet HTML 11Page - Analog Devices AD9142BCPZ Datasheet HTML 12Page - Analog Devices AD9142BCPZ Datasheet HTML 13Page - Analog Devices AD9142BCPZ Datasheet HTML 14Page - Analog Devices AD9142BCPZ Datasheet HTML 15Page - Analog Devices AD9142BCPZ Datasheet HTML 16Page - Analog Devices AD9142BCPZ Datasheet HTML 17Page - Analog Devices AD9142BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 14 of 64
Figure 15. 1C WCDMA NSD vs. fOUT, over fDAC
Figure 16. Single-Tone NSD vs. fOUT, fDAC = 1474.28 MHz, PLL On and Off
Figure 17. 1C WCDMA 1st Adjacent ACLR vs. fOUT, PLL On and Off
Figure 18. 1C WCDMA 2nd Adjacent ACLR vs. fOUT, PLL On and Off
Figure 19. Two-Tone Third IMD Performance,
IF = 280 MHz, fDAC = 1474.28 MHz
Figure 20. 1C WCDMA ACLR Performance, IF = 280 MHz, fDAC = 1474.28 MHz
–150
–152
–170
–168
–166
–164
–162
–160
–158
–156
–154
0
100
200
300
400
500
600
700
800
fOUT (MHz)
737.2MHz
983.04MHz
1228.8MHz
1474.56MHz
–150
–152
–168
–166
–164
–162
–160
–158
–156
–154
0
100
200
300
400
500
600
700
800
fOUT (MHz)
PLL OFF
PLL ON
–60
–85
–80
–75
–70
–65
0
100
200
300
400
500
600
700
800
fOUT (MHz)
fDAC = 1474.56MHz, PLL OFF, 0dBFS
fDAC = 1474.56MHz, PLL ON, 0dBFS
fDAC = 1228.8MHz, PLL OFF, 0dBFS
fDAC = 1228.8MHz, PLL ON, 0dBFS
–60
–90
–85
–80
–75
–70
–65
0
100
200
300
400
500
600
700
800
fOUT (MHz)
fDAC = 1474.56MHz, PLL OFF, 0dBFS
fDAC = 1474.56MHz, PLL ON, 0dBFS
fDAC = 1228.8MHz, PLL OFF, 0dBFS
fDAC = 1228.8MHz, PLL ON, 0dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com