Electronic Components Datasheet Search
  English  ▼

X  

AD9142BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 18Page - Analog Devices AD9142BCPZ Datasheet HTML 19Page - Analog Devices AD9142BCPZ Datasheet HTML 20Page - Analog Devices AD9142BCPZ Datasheet HTML 21Page - Analog Devices AD9142BCPZ Datasheet HTML 22Page - Analog Devices AD9142BCPZ Datasheet HTML 23Page - Analog Devices AD9142BCPZ Datasheet HTML 24Page - Analog Devices AD9142BCPZ Datasheet HTML 25Page - Analog Devices AD9142BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 22 of 64
INTERFACE DELAY LINE
A four-tap delay line is provided for the user to adjust the
timing between the data bus and the DCI. Table 13 specifies the
setup and hold times for each delay tap.
There is a fixed 1.9 ns delay on the DCI when the delay line is
enabled. Each tap adds a nominal delay of 300 ps to the fixed
delay. To achieve the best timing margin, that is, to center the
setup and hold window in the middle of the data eye, the user
may need to add a delay on the data bus with respect to the DCI
in the data source. Figure 36 is an example of calculating the
optimal external delay.
Table 13. Setup and Hold Times
Delay Setting
0
1
2
3
Register 0x5E[7:0]
0x00
0x07
0x7F
0xFF
Register 0x5F[2:0]
0x0
0x0
0x0
0x5
tS (ns)1
−1.25
−1.50
−1.70
−1.93
tH (ns)
2.51
2.82
3.23
3.64
|tS + tH| (ns)
1.26
1.32
1.53
1.71
1
The negative sign indicates the direction of the setup time. The setup time is
defined as positive when it is on the left side of the clock edge and negative
when it is on the right side of the clock edge.
Interface Timing Requirements
The following example illustrates how to calculate the optimal
delay at the data source to achieve the best sampling timing in
the delay line-based mode:
•
fDCI = 200 MHz
•
Delay setting = 0
The shadow area in Figure 36 is the interface setup and hold
time window set to 0. To optimize the interface timing, this
window must be placed in the middle of the data transitions.
Because the input is double data rate, the available data period
is 2.5 ns. Therefore, the optimal data bus delay, with respect to
the DCI at the data source, can be calculated as
ns
63
.
0
25
.
1
88
.
1
2
2
|)
|
|
(|
=
−
=
−
+
=
PERIOD
DATA
H
S
DELAY
t
t
t
t
SPI Sequence to Enable Delay Line-Based Mode
It is recommended that the following SPI sequence be used to
enable the delay line-based mode:
1. 0x79 → 0x18 /* Configure Data Interface */
2. 0x5E → 0x00 /* Delay setting 0 */
0x5F → 0x00
3. 0x5F[3] → 1b /* Enable the delay line */
Figure 36. Example of Interfacing Timing in the Delay Line-Based Mode
DATA EYE
NO DATA TRANSITION
INPUT DATA [15:0]
WITH OPTIMIZED DELAY
DCI = 200MHz
tDELAY = 0.63ns
tDATA PERIOD = 2.5ns
|tS| = 1.25ns
|tH| = 2.51ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com