Electronic Components Datasheet Search
  English  ▼

X  

AD9142BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 6Page - Analog Devices AD9142BCPZ Datasheet HTML 7Page - Analog Devices AD9142BCPZ Datasheet HTML 8Page - Analog Devices AD9142BCPZ Datasheet HTML 9Page - Analog Devices AD9142BCPZ Datasheet HTML 10Page - Analog Devices AD9142BCPZ Datasheet HTML 11Page - Analog Devices AD9142BCPZ Datasheet HTML 12Page - Analog Devices AD9142BCPZ Datasheet HTML 13Page - Analog Devices AD9142BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 10 of 64
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CVDD18
1.8 V PLL Supply. CVDD18 supplies the clock receivers, clock multiplier, and clock distribution.
2
REFP/SYNCP
PLL Reference Clock Input, Positive.
3
REFN/SYNCN
PLL Reference Clock Input, Negative.
4
CVDD18
1.8 V PLL Supply. CVDD18 supplies the clock receivers, clock multiplier, and clock distribution.
5
RESET
Reset, Active Low. CMOS levels with respect to DVDD18. Recommended reset pulse length is 1 μs.
6
TXEN
Active High Transmit Path Enable. CMOS levels with respect to DVDD18. A low level on this pin triggers three
selectable actions in the DAC. See Register 0x43 in Table 77 for details.
7
DVDD18
1.8 V Digital Supply. Pin 7 supplies power to the digital core, digital data ports, serial port input/output pins, RESET, IRQ1,
and IRQ2.
8
FRAMEP
Frame Input, Positive.
9
FRAMEN
Frame Input, Negative.
10
D15P
Data Bit 15 (MSB), Positive.
11
D15N
Data Bit 15 (MSB), Negative.
12
DVDD18
1.8 V Digital Supply. Pin 12 supplies the power to the digital core and digital data ports.
13
D14P
Data Bit 14, Positive.
14
D14N
Data Bit 14, Negative.
15
D13P
Data Bit 13, Positive.
16
D13N
Data Bit 13, Negative.
17
D12P
Data Bit 12, Positive.
18
D12N
Data Bit 12, Negative.
19
DVDD18
1.8 V Digital Supply. Pin 19 supplies power to the digital core, digital data ports, serial port input/output pins,
RESET, IRQ1, and IRQ2.
20
D11P
Data Bit 11, Positive.
21
D11N
Data Bit 11, Negative.
22
D10P
Data Bit 10, Positive.
23
D10N
Data Bit 10, Negative.
24
D9P
Data Bit 9, Positive.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CVDD18
REFP/SYNCP
REFN/SYNCN
CVDD18
RESET
TXEN
DVDD18
FRAMEP
FRAMEN
D15P
D15N
DVDD18
D14P
D14N
D13P
D13N
17
D12P
18
D12N
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
CS
SCLK
SDIO
IRQ1
IRQ2
DVDD18
DVDD18
D0N
D0P
D1N
D1P
DVDD18
D2N
D2P
D3N
D3P
D4N
D4P
AD9142
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD (EPAD) MUST BE SOLDERED TO THE GROUND
PLANE (AVSS). THE EPAD PROVIDES AN ELECTRICAL, THERMAL,
AND MECHANICAL CONNECTION TO THE BOARD.
2. EPAD IS THE GROUND CONNECTION FOR CVSS AND DVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com