Electronic Components Datasheet Search
  English  ▼

X  

AD9142BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 22Page - Analog Devices AD9142BCPZ Datasheet HTML 23Page - Analog Devices AD9142BCPZ Datasheet HTML 24Page - Analog Devices AD9142BCPZ Datasheet HTML 25Page - Analog Devices AD9142BCPZ Datasheet HTML 26Page - Analog Devices AD9142BCPZ Datasheet HTML 27Page - Analog Devices AD9142BCPZ Datasheet HTML 28Page - Analog Devices AD9142BCPZ Datasheet HTML 29Page - Analog Devices AD9142BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 26 of 64
DIGITAL DATAPATH
Figure 38. Block Diagram of Digital Datapath
The block diagram in Figure 38 shows the functionality of the
digital datapath. The digital processing includes
•
An input power detection block
•
Three half-band interpolation filters
•
A quadrature modulator consisting of a fine resolution
NCO and an fS/4 coarse modulation block
•
An inverse sinc filter
•
A gain and phase and offset adjustment block
The interpolation filters accept I and Q data streams and
process them as two independent data streams, whereas the
quadrature modulator and phase adjustment block accepts I
and Q data streams as a quadrature data stream. Therefore,
quadrature input data is required when digital modulation and
phase adjustment functions are used.
INTERPOLATION FILTERS
The transmit path contains three interpolation filters. Each of
the three interpolation filters provides a 2× increase in output data
rate and a low-pass function. The half-band (HB) filters are cas-
caded to provide 4× or 8× interpolation ratios.
The AD9142 provides three interpolation modes (see Table 6).
Each mode offers a different usable signal bandwidth in an
operating mode. Which mode to select depends on the required
signal bandwidth and the DAC update rate. Refer to Table 6 for
the maximum speed and signal bandwidth of each interpolation
mode.
The usable bandwidth is defined as the frequency band over
which the filters have a pass-band ripple of less than ±0.001 dB
and a stop band rejection of greater than 85 dB.
2× Interpolation Mode
Figure 39 and Figure 40 show the pass-band and all-band filter
response for 2× mode. Note that the transition from the
transition band to the stop band is much sharper than the tran-
sition from the pass band to the transition band. Therefore, when
the desired output signal moves out of the defined pass band,
the signal image, which is supposed to be suppressed by the stop
band, grows faster than the droop of the signal itself due to the
degraded pass-band flatness. In cases where the degraded image
rejection is acceptable or can be compensated by the analog
low-pass filter at the DAC output, it is possible to let the output
signal extend beyond the specified usable signal bandwidth.
Figure 39. Pass-Band Detail of 2× Mode
Figure 40. All-Band Response of 2× Mode
INPUT
POWER
DETECTION
AND
PROTECTION
HB1
HB2
HB3
INV
SINC
DIGITAL GAIN
AND PHASE
AND OFFSET
ADJUSTMENT
COARSE AND
FINE
MODULATION
0.02
–0.10
–0.08
–0.06
–0.04
–0.02
0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
FREQUENCY (Hz)
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com