Electronic Components Datasheet Search
  English  ▼

X  

AD9142BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 21Page - Analog Devices AD9142BCPZ Datasheet HTML 22Page - Analog Devices AD9142BCPZ Datasheet HTML 23Page - Analog Devices AD9142BCPZ Datasheet HTML 24Page - Analog Devices AD9142BCPZ Datasheet HTML 25Page - Analog Devices AD9142BCPZ Datasheet HTML 26Page - Analog Devices AD9142BCPZ Datasheet HTML 27Page - Analog Devices AD9142BCPZ Datasheet HTML 28Page - Analog Devices AD9142BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 25 of 64
The recommended procedure for a frame initiated FIFO reset is
as follows:
1. Configure the DAC in the desired interpolation mode
(Register 0x28[1:0]).
2. Ensure that the DACCLK and DCI are running and stable at
the clock inputs.
3. Program Register 0x23 to the customized value, if the
desired value is not 0x40.
4. Configure the FRAME_RESET_MODE bits (Register
0x22[1:0])to 00b.
5. Choose whether continuous or one shot mode is desired by
writing 0 or 1 to EN_CON_FRAME_RESET (Register
0x22[2]).
6. Toggle the frame input from 0 to 1 and back to 0. The pulse
width needs to be longer than the minimum requirement.
a. If the frame input is a continuous clock, turn on the
signal.
7. Read back FRAME_RESET_ACK, Register 0x22[3], to
verify that the reset is complete.
8. Read back Register 0x24 multiple times to verify that the
actual FIFO level is set to the requested level and the
readback values are stable. By design, the readback should be
within ±1 DACCLK around the requested level.
Monitoring the FIFO Status
The real-time FIFO status can be monitored from the SPI
Register 0x24 and reflects the real-time FIFO depth after a FIFO
reset. Without timing drifts in the system, this readback should
not change from that which resulted from the FIFO reset. When
there is a timing drift or other abnormal clocking situation, the
FIFO level readback can change. However, as long as the FIFO
does not overflow or underflow, there is no error in data trans-
mission. Three status bits in Register 0x06, Bits[2:0], indicate if
there are FIFO underflows, overflows, or similar situations. The
status of the three bits can be latched and used to trigger
hardware interrupts, IRQ1 and IRQ2. To enable latching and
interrupts, configure the corresponding bits in Register 0x03
and Register 0x04.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com