Electronic Components Datasheet Search
  English  ▼

X  

AD9142BCPZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 51Page - Analog Devices AD9142BCPZ Datasheet HTML 52Page - Analog Devices AD9142BCPZ Datasheet HTML 53Page - Analog Devices AD9142BCPZ Datasheet HTML 54Page - Analog Devices AD9142BCPZ Datasheet HTML 55Page - Analog Devices AD9142BCPZ Datasheet HTML 56Page - Analog Devices AD9142BCPZ Datasheet HTML 57Page - Analog Devices AD9142BCPZ Datasheet HTML 58Page - Analog Devices AD9142BCPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 55 of 64
NCO_PHASE_OFFSET1 REGISTER
Address: 0x36, Reset: 0x00, Name: NCO_PHASE_OFFSET1
Table 66. Bit Descriptions for NCO_PHASE_OFFSET1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
NCO_PHASE_OFFSET_MSB
This register sets the initial phase of the complex carrier signal upon reset.
The phase offset spans from 0 degrees to 360 degrees. Each bit represents
an offset of 0.0055 degrees. This value is in twos complement format.
0x00
RW
IQ_PHASE_ADJ0 REGISTER
Address: 0x37, Reset: 0x00, Name: IQ_PHASE_ADJ0
Table 67. Bit Descriptions for IQ_PHASE_ADJ0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
IQ_PHASE_ADJ_LSB
See Register 0x38.
0x00
RW
IQ_PHASE_ADJ1 REGISTER
Address: 0x38, Reset: 0x000, Name: IQ_PHASE_ADJ1
Table 68. Bit Descriptions for IQ_PHASE_ADJ1
Bits
Bit Name
Settings
Description
Reset
Access
[4:0]
IQ_PHASE_ADJ_MSB
IQ phase adjust, Bits[12:0], is used to insert a phase offset between the
I and Q datapaths. It provides an adjustment range of ±14 degrees with
a step of 0.0035 degrees. This value is in twos complement. See the
Quadrature Phase Adjustment section for more information.
0x0
RW
IDAC_DC_OFFSET0 REGISTER
Address: 0x3B, Reset: 0x00, Name: IDAC_DC_OFFSET0
Table 69. Bit Descriptions for IDAC_DC_OFFSET0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
IDAC_DC_OFFSET_LSB
See Register 0x3C.
0x00
RW
IDAC_DC_OFFSET1 REGISTER
Address: 0x3C, Reset: 0x00, Name: IDAC_DC_OFFSET1
Table 70. Bit Descriptions for IDAC_DC_OFFSET1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
IDAC_DC_OFFSET_MSB
IDAC DC offset, Bits[15:0], is a dc value that is added directly to the
sample values written to the IDAC.
0x00
RW
QDAC_DC_OFFSET0 REGISTER
Address: 0x3D, Reset: 0x00, Name: QDAC_DC_OFFSET0
Table 71. Bit Descriptions for QDAC_DC_OFFSET0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
QDAC_DC_OFFSET_LSB
See Register 0x3E.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com