Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 26Page - Microchip Technology PIC14000 Datasheet HTML 27Page - Microchip Technology PIC14000 Datasheet HTML 28Page - Microchip Technology PIC14000 Datasheet HTML 29Page - Microchip Technology PIC14000 Datasheet HTML 30Page - Microchip Technology PIC14000 Datasheet HTML 31Page - Microchip Technology PIC14000 Datasheet HTML 32Page - Microchip Technology PIC14000 Datasheet HTML 33Page - Microchip Technology PIC14000 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 153 page
background image
PIC14000
DS40122B-page 30
Preliminary
© 1996 Microchip Technology Inc.
FIGURE 5-6:
PORTC DATA REGISTER
U= unimplemented, X = unknown.
07h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PORTC
RC7/SDAA
RC6/SCLA
RC5
RC4
RC3/T0CKI
RC2
RC1/CMPA
RC0/REFA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR value xxh
x
x
x
xxxx
x
Bit
Name
Function
B7
RC7/SDAA
Synchronous serial data I/O for I2C interface. Also is the serial programming data line.
This pin can also serve as a general purpose I/O. If enabled, a change on this pin can
cause a CPU interrupt. This pin has an N-channel pull-up to VDD which is disabled in
I2C mode.
B6
RC6/SCLA
Synchronous serial clock for I2C interface. Also is the serial programming clock. This pin
can also serve as a general purpose I/O. If enabled, a change on this pin can cause a
CPU interrupt. This pin has an N-channel pull-up to VDD which is disabled in I2C mode.
B5
RC5
LED direct-drive output. This pin can also serve as a GPIO. If enabled, a change on this
pin can cause a CPU interrupt. If enabled, this pin has a weak internal pull-up to VDD.
B4
RC4
LED direct-drive output. This pin can also serve as a GPIO. If enabled, a change on this
pin can cause a CPU interrupt. If enabled, this pin has a weak internal pull-up to VDD.
B3
RC3/T0CKI
LED direct-drive output. This pin can also serve as a GPIO. If enabled, this pin has a
weak internal pull-up to VDD. T0CKI is enabled as TMR0 clock via the OPTION register.
B2
RC2
LED direct-drive output. This pin can also serve as a GPIO. If enabled, this pin has a
weak internal pull-up to VDD.
B1
RC1/CMPA
LED direct-drive output. This pin can also serve as a GPIO, or comparator A output. If
enabled, this pin has a weak internal pull-up to VDD.
B0
RC0/REFA
LED direct-drive output. This pin can also serve as a GPIO, or programmable reference
A output. If enabled, this pin has a weak internal pull-up to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com