Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 29Page - Microchip Technology PIC14000 Datasheet HTML 30Page - Microchip Technology PIC14000 Datasheet HTML 31Page - Microchip Technology PIC14000 Datasheet HTML 32Page - Microchip Technology PIC14000 Datasheet HTML 33Page - Microchip Technology PIC14000 Datasheet HTML 34Page - Microchip Technology PIC14000 Datasheet HTML 35Page - Microchip Technology PIC14000 Datasheet HTML 36Page - Microchip Technology PIC14000 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 33
PIC14000
FIGURE 5-10: BLOCK DIAGRAM OF PORTD<1:0> PINS
FIGURE 5-11: PORTD DATA REGISTER
Legend: U = unimplemented, read as ‘0’, x = unknown.
08h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PORTD
RD7/AN7 RD6/AN6 RD5/AN5 RD4/AN4
RD3/REFB
RD2/CMPB RD1/SDAB RD0/SCLB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR value xxh
XXXX
X
X
X
X
Bit
Name
Function
B7
RD7/AN7
GPIO or analog input. Returns value on pin RD7/AN7 when used as a digital
input. When configured as an analog input, reads as ‘0’.
B6
RD6/AN6
GPIO or analog input. Returns value on pin RD6/AN6 when used as a digital
input. When configured as an analog input, reads as ‘0’.
B5
RD5/AN5
GPIO or analog input. This pin can connect to a level shift network. If
enabled, a +0.5V offset is added to the input voltage. When configured as
an analog input, reads as ‘0’.
B4
RD4/AN4
GPIO or analog input. Returns value on pin RD4/AN4 when used as a digital
input. When configured as an analog input, reads as ‘0’.
B3
RD3/REFB
This pin can serve as a GPIO, or programmable reference B output.
B2
RD2/CMPB
This pin can serve as a GPIO, or comparator B output.
B1
RD1/SDAB
Alternate synchronous serial data I/O for I2C interface enabled by setting
the I2CSEL bit in the MISC register. This pin can also serve as a general
purpose I/O. This pin has an N-channel pull-up to VDD which is disabled in
I2C mode.
B0
RD0/SCLB
Alternate synchronous serial clock for I2C interface, enabled by setting the
I2CSEL bit in the MISC register. This pin can also serve as a general pur-
pose I/O. This pin has an N-Channel pull-up to VDD which is disabled in I2C
mode.
D
Q
CK Q
D
Q
CK Q
D
Q
EN
Data
Bus
Write
PORTD
Write
TRISD
Read
TRISD
Read
PortD
Note: I/O pins have protection diodes to VDD and VSS. These pins do not have a P-channel pull-up.
N
N
I/O
Pin
VSS
VDD
Schmitt Trigger
Input Buffer
I2CCON<5>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com