Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 53Page - Microchip Technology PIC14000 Datasheet HTML 54Page - Microchip Technology PIC14000 Datasheet HTML 55Page - Microchip Technology PIC14000 Datasheet HTML 56Page - Microchip Technology PIC14000 Datasheet HTML 57Page - Microchip Technology PIC14000 Datasheet HTML 58Page - Microchip Technology PIC14000 Datasheet HTML 59Page - Microchip Technology PIC14000 Datasheet HTML 60Page - Microchip Technology PIC14000 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 57
PIC14000
8.0
ANALOG MODULES FOR A/D
CONVERSION
8.1
Overview
The PIC14000 includes analog components to create a
slope A/D converter including:
• Comparator
• 4-bit programmable current source
• 16-channel analog mux
• 16-bit timer with capture register
Each channel is converted independently by means of
a slope conversion method using a single precision
comparator. The programmable current source feeds
an external 0.1
µF (nominal) capacitor to generate the
ramp voltage used in the conversion.
8.2
Conversion Process
These are the steps to perform data conversion:
• Clear REFOFF (SLPCON<5>) and ADOFF
(SLPCON<0>) bits to enable the A/D module.
• Initialize ADCON1<7:4> to initialize the program-
mable current source.
• Set ADRST (ADCON0<1>), for a minimum of 200
µs to stop the timer and fully discharge the ramp
capacitor to ground.
• The A/D timer (ADTMR) increments from 0000h
to FFFFh and must be initialized before each con-
version.
• To start a conversion, clear ADRST through soft-
ware, it will allow the timer to begin counting and
the ramp capacitor to begin charging.
• When the ramp voltage exceeds the analog input,
the comparator output changes from high to low.
• This transition causes a capture event and copies
the current A/D timer value into the 16-bit capture
register.
• An interrupt is generated to the CPU if enabled.
Note:
The A/D timer continues to run following a
capture event.
The maximum A/D timer count is 65,536. It can be
clocked by the on-chip or external oscillator. At a 4 MHz
oscillation frequency, the maximum conversion time is
16.38 ms for a full count. A typical conversion should
complete before full-count is reached. A timer overflow
flag is set once the timer rolls over (FFFFh to 0000h),
and an interrupt is sent to the CPU, if enabled.
End-user calibration is simplified or eliminated by mak-
ing use of the on-chip EPROM. Internal component val-
ues are measured at factory final test and stored in the
memory for use by the application firmware.
Periodic conversion cycles should be performed on the
bandgap
and
slope
references
(described
in
Section 9.0) to compensate for A/D component drift.
Measurements for the reference voltage count are
equated to the voltage value stored into EPROM during
calibration. All other channel measurements are
compensated for by ratioing the actual count with the
bandgap count and multiplying by the bandgap voltage
value stored in EPROM. Since all measurements are
relative to the reference, offset voltages inherent in the
comparator are cancelled out. See AN624, “PIC14000
A/D Theory and Implementation” for further details of
A/D operation.
The analog components used in the conversion and
the A/D timer can be disabled during idle periods for
maximum power savings. Power-saving can be
achieved
via
software
and/or
hardware
control
(Section 10.8).
8.3
A/D Timer (ADTMR) Module
The A/D timer (ADTMR) is comprised of a 16-bit up
timer, which is incremented every oscillator cycle.
ADTMR is reset to 0000h by a power-up reset; other-
wise the software must initialize it after each conver-
sion. A separate 16-bit capture register (ADCAP) is
used to capture the ADTMR count if an A/D capture
event occurs (see below). Both the A/D timer and cap-
ture register are readable and writable. The low byte of
the A/D timer (ADTMRL) is accessed at location 0Eh
while the high byte (ADTMRH) is accessed at location
0Fh. Similarly, the low byte of the A/D capture register
(ADCAP) is accessed at location 15h, and the high byte
is located at 16h.
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com