Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 64Page - Microchip Technology PIC14000 Datasheet HTML 65Page - Microchip Technology PIC14000 Datasheet HTML 66Page - Microchip Technology PIC14000 Datasheet HTML 67Page - Microchip Technology PIC14000 Datasheet HTML 68Page - Microchip Technology PIC14000 Datasheet HTML 69Page - Microchip Technology PIC14000 Datasheet HTML 70Page - Microchip Technology PIC14000 Datasheet HTML 71Page - Microchip Technology PIC14000 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 153 page
background image
PIC14000
DS40122B-page 68
Preliminary
© 1996 Microchip Technology Inc.
Two registers PREFA (9Bh) and PREFB (9Ch) are
used to select the reference output voltages. The
PREFx<7:3> bits select the output from the coarse lad-
der, while PREFx<2:0> bits are for the fine-tune adjust-
ment. Table 9-1 and Table 9-2 show the reference
decoding.
These voltages are visible at either RC0/REFA or
RD3/REFB pins by setting the CMAOE (CMCON<1>)
or CMBOE (CMCON<5>) bits. Setting CMxOE does
not affect the reference voltages. It only enables the pin
function regardless of the port TRIS register setting.
These outputs are not buffered, so they cannot directly
drive any DC loads.
The reference outputs are also connected to two inde-
pendent comparators, COMPA and COMPB. Thus, the
references can be used to set the comparator trip-
points. The A/D converter can also monitor the refer-
ence outputs via A/D channels 8 and 9. Refer to
Section 8 for the description of the A/D operation.
The programmable reference output is designed to
track the output from the level shift network. However,
there will always be some mismatch due to component
drift. For best accuracy, the A/D should be used to peri-
odically calibrate the references to the desired
set-point.
FIGURE 9-3:
COMPARATOR AND PROGRAMMABLE REFERENCE BLOCK DIAGRAM
(ONE OF TWO SHOWN)
From AN1 Level
Shift Network
CMOFF
RC1/CMPA or
RC0/REFA or
~5
µA
PREFx<7:3>
PREFx<7:3>
CPOLx
To A/D
Converter
Analog
Mux
(1 of 32)
Analog
Mux
(1-of-8)
PREFx<2:0>
~0.15V
~0.85V
Fine Tune Adjust
Coarse Adjust
To CMxOUT bit,
CMCON register
_
+
Programmable
Analog
Mux
(1 of 32)
RD3/REFB
CMxOE
RD2/CMPB
From Other
Comparator
CMIF bit
PIR1<7>
Reference
From AN5 Level
Shift Network
CMBOE
Channel B only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com