Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 83Page - Microchip Technology PIC14000 Datasheet HTML 84Page - Microchip Technology PIC14000 Datasheet HTML 85Page - Microchip Technology PIC14000 Datasheet HTML 86Page - Microchip Technology PIC14000 Datasheet HTML 87Page - Microchip Technology PIC14000 Datasheet HTML 88Page - Microchip Technology PIC14000 Datasheet HTML 89Page - Microchip Technology PIC14000 Datasheet HTML 90Page - Microchip Technology PIC14000 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 87
PIC14000
10.8.1
SLEEP MODE
The SLEEP mode is entered by executing a SLEEP
instruction.
If SLEEP mode is enabled, the WDT will be cleared but
keep running. The PD bit in the STATUS register is
cleared, the TO bit is set, and on-chip oscillators are
shut off, except the WDT RC oscillator, which continues
to run. The I/O ports maintain the status they had
before the SLEEP command was executed (driving
high, low, or high-impedance).
It is an option while in SLEEP mode to leave the
on-chip oscillator running. This option allows an A/D
conversion to continue while the CPU is in SLEEP
mode. The CPU clocks are stopped in this condition to
preserve power. The operation of the on-chip oscillator
during
SLEEP
is
controlled
by
OSCOFF
(SLPCON<3>). Clearing this bit to ‘0’ allows the oscil-
lator to continue to run. This bit is only active in SLEEP
mode.
For lowest power consumption in this mode, all I/O pins
should be either at VDD or VSS with no external circuitry
drawing current from the I/O pin. I/O pins that are
high-impedance inputs should be pulled high or low
externally to avoid leakage currents caused by floating
inputs. The MCLR pin must be at a logic high level
(VIH). The contribution from any on-chip pull-up
resistors should be considered.
10.8.2
WAKE-UP FROM SLEEP
The PIC14000 can wake up from SLEEP through one
of the following events:
1.
External reset input on MCLR pin
2.
Watchdog Timer time-out (if WDT is enabled)
3.
Interrupt from OSC1/PBTN pin
4.
RC<7:4> port change
5.
I2C (serial port) start/stop bit detect interrupt.
6.
Wake-up on programmable reference compara-
tor interrupt.
7.
A/D conversion complete (comparator trip) inter-
rupt.
8.
A/D timer overflow interrupt.
An external reset on MCLR pin causes a device reset.
The
other
wake-up
events
are
considered
a
continuation of program execution. The TO and PD bits
in the STATUS register can be used to determine the
cause of device reset. The PD bit, which is set on
power-up is cleared when SLEEP is invoked. The TO
bit is cleared if a WDT time-out occurred (and caused
a wake-up).
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is pre-fetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be set. Wake-up occurs
regardless of the state of bit GIE. If bit GIE is clear, the
device continues execution at the instruction after the
SLEEP
instruction. If bit GIE is set, the device executes
the instruction after the SLEEP instruction and then
branches to the interrupt address (0004h). In cases
where the execution of the instruction following SLEEP
is not desirable, the user should have a NOP after the
SLEEP
instruction.
The WDT is cleared when the device wakes-up from
sleep, regardless of the source of wake-up.
Note:
If the global interrupts are disabled (GIE is
cleared), but any interrupt source has both
its
interrupt
enable
bit
and
the
corresponding interrupt flag bits set, the
device will immediately wake from SLEEP.
10.8.3
HIBERNATE MODE
HIBERNATE mode is an extension of SLEEP mode
with the following additions.
• WDT is forced off
• Weak pull-ups on RC<5:0> are disabled
• Some input buffers are gated-off (refer to
Section 5.0)
The HIBERNATE mode is entered by executing a
SLEEP
instruction with HIBEN (SLPCON<7>) bit set.
The PIC14000 wakes up from HIBERNATE mode via
all the same mechanisms as SLEEP mode, except for
WDT time-out. HIBERNATE mode allows power con-
sumption to be reduced to a minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com