Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 78Page - Microchip Technology PIC14000 Datasheet HTML 79Page - Microchip Technology PIC14000 Datasheet HTML 80Page - Microchip Technology PIC14000 Datasheet HTML 81Page - Microchip Technology PIC14000 Datasheet HTML 82Page - Microchip Technology PIC14000 Datasheet HTML 83Page - Microchip Technology PIC14000 Datasheet HTML 84Page - Microchip Technology PIC14000 Datasheet HTML 85Page - Microchip Technology PIC14000 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 153 page
background image
PIC14000
DS40122B-page 82
Preliminary
© 1996 Microchip Technology Inc.
10.6
Interrupts
The PIC14000 has several sources of interrupt:
• External interrupt from OSC1/PBTN pin
•I2C port interrupt
• PORTC interrupt on change (pins RC<7:4> only)
• Timer0 overflow
• A/D timer overflow
• A/D converter capture event
• Programmable reference comparator interrupt
This section addresses the external and Timer0
interrupts only. Refer to the appropriate sections for
description of the serial port, programmable reference
and A/D interrupts.
INTCON records individual interrupt requests in flag
bits. It also has individual and global enable bits. The
peripheral interrupt flags reside in the PIR1 register.
Peripheral interrupt enable interrupts are contained in
the PIE1 register.
Global
interrupt
masking
is
controlled
by
GIE
(INTCON<7>). Individual interrupts can be disabled
through their corresponding mask bit in the INTCON
register. GIE is cleared on reset to mask interrupts.
When an interrupt is serviced, the GIE is cleared to
disable any further interrupt, the return address is
pushed onto the stack and the PC is loaded with
0004h, the interrupt vector. For external interrupt
events, such as the I2C interrupt, the interrupt latency
will be 3 or 4 instruction cycles. The exact latency
depends when the interrupt event occurs. The latency
is the same for 1 or 2 cycle instructions. Once in the
interrupt service routine the source(s) of the interrupt
can be determined by polling the interrupt flag bits. The
interrupt flag bit(s) must be cleared in software before
re-enabling
interrupts
to
avoid
infinite
interrupt
requests.
Individual
interrupt
flag
bits
are
set
regardless of the status of their corresponding mask bit
or the GIE bit to allow polling.
The return from interrupt instruction, RETFIE, exits the
interrupt routine as well as sets the GIE bit to re-enable
interrupts.
Note 1: The individual interrupt flags will be set by
the specified condition even though the
corresponding
interrupt
enable
bit
is
cleared (interrupt disabled) or the GIE bit is
cleared (all interrupts disabled).
Note 2: If an interrupt occurs while the Global
Interrupt Enable (GIE) bit is being cleared,
the
GIE
bit
may
unintentionally
be
re-enabled by the user’s Interrupt Service
Routine (the RETFIE instruction). The
events that would cause this to occur are:
1.
An instruction clears the GIE bit while an
interrupt is acknowledged.
2.
The program branches to the interrupt vector
and executes the Interrupt Service Routine.
3.
The interrupt service routine completes with the
execution of the RETFIE instruction. This causes
the GIE bit to be set (enables interrupts), and the
program returns to the instruction after the one
which was meant to disable interrupts.
The method to ensure that interrupts are globally
disabled is:
1.
Ensure that the GIE bit was cleared by the
instruction, as shown in the following code:
LOOP: BCF
INTCON,GIE
; Disable Global Interrupts
BTFSC INTCON,GIE
; Global Interrupts Disabled?
GOTO
LOOP
; No, try again
:
; Yes, continue with program
;
flow
FIGURE 10-9: INTERRUPT LOGIC SCHEMATIC
PBIF
PBIE
ADCIF
ADCIE
I2CIF
I2CIE
OVFIF
OVFIE
CMIF
CMIE
T0IF
T0IE
PEIE
Wake-up (If in SLEEP mode)
or terminate long write
Interrupt to CPU
PEIF
RCIF
RCIE
GIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com