Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 68Page - Microchip Technology PIC14000 Datasheet HTML 69Page - Microchip Technology PIC14000 Datasheet HTML 70Page - Microchip Technology PIC14000 Datasheet HTML 71Page - Microchip Technology PIC14000 Datasheet HTML 72Page - Microchip Technology PIC14000 Datasheet HTML 73Page - Microchip Technology PIC14000 Datasheet HTML 74Page - Microchip Technology PIC14000 Datasheet HTML 75Page - Microchip Technology PIC14000 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 153 page
background image
PIC14000
DS40122B-page 72
Preliminary
© 1996 Microchip Technology Inc.
FIGURE 9-6:
PREFA REGISTER
FIGURE 9-7:
PREFB REGISTER
9Bh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PREFA
PRA7
PRA6
PRA5
PRA4
PRA3
PRA2
PRA1
PRA0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR value 00h
00
0
0
0
0
0
0
Bit
Name
Function
B7-B0
PRA7
PRA6
PRA5
PRA4
PRA3
PRA2
PRA1
PRA0
Programmable Reference A Voltage Select Bits.
See Table 9-1 and Table 9-2 for decoding.
9Ch
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PREFB
PRB7
PRB6
PRB5
PRB4
PRB3
PRB2
PRB1
PRB0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR value 00h
00
0
0
0
0
0
0
Bit
Name
Function
B7-B0
PRB7
PRB6
PRB5
PRB4
PRB3
PRB2
PRB1
PRB0
Programmable Reference B Voltage Select Bits.
See Table 9-1 and Table 9-2 for decoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com