Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 59Page - Microchip Technology PIC14000 Datasheet HTML 60Page - Microchip Technology PIC14000 Datasheet HTML 61Page - Microchip Technology PIC14000 Datasheet HTML 62Page - Microchip Technology PIC14000 Datasheet HTML 63Page - Microchip Technology PIC14000 Datasheet HTML 64Page - Microchip Technology PIC14000 Datasheet HTML 65Page - Microchip Technology PIC14000 Datasheet HTML 66Page - Microchip Technology PIC14000 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 63
PIC14000
TABLE 8-4:
A/D CONTROL AND STATUS REGISTER 1
TABLE 8-5:
PORTA AND PORTD CONFIGURATION
Legend: A = Analog input, D = Digital I/O
9Fh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADCON1
ADDAC3
ADDAC2 ADDAC1
ADDAC0
PCFG3
PCFG2
PCFG1
PCFG0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR value 00h
00
0
0
0
0
0
0
Bit
Name
Function
B7-B4
ADDAC3
ADDAC2
ADDAC1
ADDAC0
A/D Current Source Selects. Refer to Table 8-2.
B3-B2
PCFG3
PCFG2
PORTD Configuration Selects
(See Table 8-5)
B1-B0
PCFG1
PCFG0
PORTA Configuration Selects
(See Table 8-5)
ADCON1<1:0>
RA0/AN0
RA1/AN1
RA2/AN2
RA3/AN3
ADCON1<3:2>
RD4/AN4
RD5/AN5
RD6/AN6
RD7/AN7
0 0
AAAA
0 1
AAAD
1 0
AAD
D
1 1
DDDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com