Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 69Page - Microchip Technology PIC14000 Datasheet HTML 70Page - Microchip Technology PIC14000 Datasheet HTML 71Page - Microchip Technology PIC14000 Datasheet HTML 72Page - Microchip Technology PIC14000 Datasheet HTML 73Page - Microchip Technology PIC14000 Datasheet HTML 74Page - Microchip Technology PIC14000 Datasheet HTML 75Page - Microchip Technology PIC14000 Datasheet HTML 76Page - Microchip Technology PIC14000 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 73
PIC14000
9.6
Voltage Regulator Output
For systems with a main supply voltage above 6V, an
inexpensive, low quiescent current voltage regulator
can be formed by connecting the VREG pin to an exter-
nal resistor and FET as shown in Figure 9-8. This cir-
cuit will provide a VDD of about 5V, after the voltage
drop across the FET.
FIGURE 9-8:
VOLTAGE REGULATOR CIRCUIT
VREG
VDD
1-10
µA recommended
Main
Supply
Optional External
Voltage Regulator
(Not required for supply voltages
below 6.0 V)
PIC14000
N-FET
6V
Typical
(enhancement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com