Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 1 Page - Microchip Technology

  PIC14000 Datasheet HTML 1Page - Microchip Technology PIC14000 Datasheet HTML 2Page - Microchip Technology PIC14000 Datasheet HTML 3Page - Microchip Technology PIC14000 Datasheet HTML 4Page - Microchip Technology PIC14000 Datasheet HTML 5Page - Microchip Technology PIC14000 Datasheet HTML 6Page - Microchip Technology PIC14000 Datasheet HTML 7Page - Microchip Technology PIC14000 Datasheet HTML 8Page - Microchip Technology PIC14000 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 1
High-Performance RISC CPU:
• Only 35 single word instructions to learn
• All single cycle instructions except for program
branches which are two cycle
• Operating speed: DC - 20 MHz clock input
• 4096 x 14 on-chip EPROM program memory
• 192 x 8 general purpose registers (SRAM)
• 6 internal and 5 external interrupt sources
• 38 special function hardware registers
• Eight-level hardware stack
Analog Peripherals Features:
• Slope Analog-to-Digital (A/D) converter
- Eight external input channels including two
channels with selectable level shift inputs
- Six internal input channels
- 16-bit programmable timer with capture
register
- 16 ms maximum conversion time at maxi-
mum (16-bit) resolution and 4 MHz clock
- 4-bit programmable current source
• Internal bandgap voltage reference
• Factory calibrated with calibration constants
stored in EPROM
• On-chip temperature sensor
• Voltage regulator control output
• Two comparators with programmable references
• On-chip low voltage detector
Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Multi-segment programmable code-protection
• Selectable oscillator options
-
Internal 4 MHz oscillator
-
External crystal oscillator
•
Serial in-system programming (via two pins)
PIC14000
28-Pin Programmable Mixed Signal Controller
Pin Diagram
Digital Peripherals Features:
• 22 I/O pins with individual direction control
• High current sink/source for direct LED drive
• TMR0: 8-bit timer/counter with 8-bit
programmable prescaler
• 16-bit A/D timer: can be used as a general
purpose timer
•I2C™ serial port compatible with System
Management Bus
CMOS Technology:
• Low-power, high-speed CMOS EPROM technology
• Fully static design
• Wide-operating voltage range (2.7V to 6.0V)
• Commercial and Industrial Temperature Range
• Low power dissipation (typical)
- < 3 mA @5V, 4 MHz operating mode
- < 300
µA @3V (Sleep mode: clocks stopped
with analog circuits active)
- < 5
µA @3V (Hibernate mode: clocks
stopped, analog inactive, and WDT disabled)
Applications:
• Battery Chargers
• Battery Capacity Monitoring
• Uninterruptable Power Supply Controllers
• Power Management Controllers
• HVAC Controllers
• Sensing and Data Acquisition
PDIP, SOIC, SSOP, Windowed CERDIP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RA2/AN2
RA3/AN3
RD4/AN4
RD5/AN5
RD6/AN6
RD7/AN7
CDAC
SUM
VSS
RC0/REFA
RC1/CMPA
RC2
RC3/T0CKI
RC4
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
RA1/AN1
RA0/AN0
RD3/REFB
RD2/CMPB
RD1/SDAB
RD0/SCLB
OSC2/CLKOUT
OSC1/PBTN
VDD
VREG
RC7/SDAA
RC6/SCLA
RC5
MCLR/VPP
This document was created with FrameMaker404


Similar Part No. - PIC14000

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
28-Pin Programmable Mixed Signal Controller
1996 - 2002
PIC14000 MICROCHIP-PIC14000 Datasheet
1Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results

Similar Description - PIC14000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21990 AD-ADSP-21990 Datasheet
2Mb / 50P
Mixed-Signal DSP Controller
REV. A
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
28-Pin Programmable Mixed Signal Controller
1996 - 2002
logo
Analog Devices
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
Mixed Signal DSP Controller
REV. 0
logo
Dialog Semiconductor
SLG46536 DIALOG-SLG46536 Datasheet
1Mb / 165P
Programmable Mixed-signal Matrix
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46110 RENESAS-SLG46110 Datasheet
3Mb / 84P
Programmable Mixed Signal Matrix
March 9, 2023
SLG46120 RENESAS-SLG46120 Datasheet
4Mb / 97P
Programmable Mixed Signal Array
March 10, 2023
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com