Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 81Page - Microchip Technology PIC14000 Datasheet HTML 82Page - Microchip Technology PIC14000 Datasheet HTML 83Page - Microchip Technology PIC14000 Datasheet HTML 84Page - Microchip Technology PIC14000 Datasheet HTML 85Page - Microchip Technology PIC14000 Datasheet HTML 86Page - Microchip Technology PIC14000 Datasheet HTML 87Page - Microchip Technology PIC14000 Datasheet HTML 88Page - Microchip Technology PIC14000 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 85
PIC14000
10.7
Watchdog Timer (WDT)
The watchdog timer is realized as a free running
on-chip RC oscillator which does not require any
external components. This RC oscillator is separate
from the IN oscillator used to generate the CPU and
A/D clocks. That means that the WDT will run even if
the clock has been stopped, for example, by execution
of a SLEEP instruction. Refer to Section 10.8.1 for more
information.
During normal operation, a WDT time-out generates a
device RESET. If the device is in SLEEP mode, a WDT
time-out causes the device to wake-up and continue
with normal operation.
The
WDT
can
be
permanently
disabled
by
programming the configuration bit WDTE as a ‘0’. Its
oscillator can be shut down to conserve battery power
by
entering
HIBERNATE
Mode.
Refer
to
Section 10.8.3 for more information on HIBERNATE
mode.
A block diagram of the watchdog timer is shown in
Figure 10-11. It should be noted that a RESET
generated by the WDT time-out does not drive MCLR
low.
CAUTION: Beware of disabling WDT if software
routines require exiting based on WDT
reset. For example, the MCU will not
exit HIBERNATE mode based on WDT
reset.
FIGURE 10-11: WATCHDOG TIMER BLOCK DIAGRAM (WITH TIMER0)
RC3/T0CKI
T0SE
0
1
1
0
pin
T0CS
FOSC/4
Sync with
Internal
clocks
TMR0
PSout
(2 cycle delay)
PSout
Data bus
8
PSA
Set T0IF
Interrupt on
Overflow
8-bit Counter
8-to-1 MUX
18 mS
Timer
PSA
0
1
WDT
Time-out
PS2:PS0
8
Note: T0CS, T0SE, PSA, PS2:PS0 correspond to (OPTION<5:0>).
PSA
0
1
3
HIBERNATE
WDT
Enable Bit
Local
Oscillator
Prescaler/
Postscaler
Enable
Watchdog Timer
Timer0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com