Electronic Components Datasheet Search
  English  ▼

X  

PIC14000 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 6Page - Microchip Technology PIC14000 Datasheet HTML 7Page - Microchip Technology PIC14000 Datasheet HTML 8Page - Microchip Technology PIC14000 Datasheet HTML 9Page - Microchip Technology PIC14000 Datasheet HTML 10Page - Microchip Technology PIC14000 Datasheet HTML 11Page - Microchip Technology PIC14000 Datasheet HTML 12Page - Microchip Technology PIC14000 Datasheet HTML 13Page - Microchip Technology PIC14000 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 153 page
background image
PIC14000
DS40122B-page 10
Preliminary
© 1996 Microchip Technology Inc.
Legend:
RD3/REFB
3
I/O-PU
AN/ST
CMOS
General purpose I/O or programmable reference B
output.
RD4/AN4
26
I/O
AN/ST
CMOS
Analog input channel 4. This pin can also serve as a
GPIO.
RD5/AN5
25
I/O
AN/ST
CMOS
Analog input channel 5. This pin can connect to a level
shift network. If enabled, a +0.5V offset is added to the
input voltage. This pin can also serve as a GPIO.
RD6/AN6
24
I/O
AN/ST
CMOS
Analog input channel 6. This pin can also serve as a
GPIO.
RD7/AN7
23
I/O
AN/ST
CMOS
Analog input channel 7. This pin can also serve as a
GPIO.
VREG
10
O
—
AN
This pin is an output to control the gate of an external
N-FET for voltage regulation.
OSC1/PBTN
8
I-PU
ST
—
IN Mode: Input with weak pull-up resistor, can be used to
generate an interrupt.
HS Mode: External oscillator input.
OSC2/
CLKOUT
7
O
—
CMOS
IN Mode: General purpose output.
HS Mode: External oscillator/clock output.
MCLR/VPP
14
I/PWR
ST
Master clear (reset) input / programming voltage input.
This pin is an active low reset to the device.
VDD
9
PWR
Positive supply connection
VSS
20
GND
Return supply connection
Type:
Definition:
TTL
TTL-compatible input
CMOS
CMOS-compatible input or output
ST
Schmitt Trigger input, with CMOS levels
SM
SMBus compatible input
OD
Open-drain output. An external pull-up resistor is required if this pin is used as an output.
NPU
N-channel pull-up. This pin will pull-up to approximately VDD - 1.0V when outputting a logical ‘1’.
PU
Weak internal pull-up (10K-50K ohms)
No-P diode
No P-diode to VDD. This pin may be pulled above the supply rail (to 6.0V maximum).
AN
Analog input or output
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Pin Name
Pin
No.
I/O
Pin Type
Input Output
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com