Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 8Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 9Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 10Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 11Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 12Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 13Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 14Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 15Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
45°, special stainless steel, anti-glare finish,
non-magnetic
SMD tweezers with angled head and blunt edges to avoid board
damage. For handling of small components.
115 mm
15 g
102ACA
115 mm
115 mm
14 g
15 g
102ACAX
103ACA
Special stainless steel, anti-glare finish, non-magnetic
SMD tweezers with angled head and blunt edges to avoid board
damage. For handling small components, mounting on SMD boards,
hybrids ICs, watch hands, etc.
Special stainless steel, anti-glare finish, non-magnetic,
reverse action
Same as 102ACA but reverse action.
110 mm
110 mm
15 g
15 g
39SA
40 SA
Ø
0,3 mm, special stainless steel, anti-glare finish,
non-magnetic
Straight, serrated grips. For gripping wires and small cylindrical parts.
Ø
0,4 mm, special stainless steel, anti-glare finish,
non-magnetic
Straight, serrated grips. For gripping wires and small cylindrical parts.
120 mm
13 g
13 g
150SAMF
Ø
1,2 – 2,5 mm, special stainless steel, anti-glare finish,
non-magnetic
SMD tweezers straight, serrated grips. For gripping small cylindrical
parts, mini MELFs. Very narrow tips.
Ø
1,5 – 3 mm, special stainless steel, anti-glare finish,
non-magnetic
SMD tweezers straight, serrated grips.
For gripping small cylindrical parts.
120 mm
150SAD
12
SMD Tweezers
Angled Head
Main application:
for handling chips or minia-
ture SMD components.
For mounting on SMD
boards or Ceramic substra-
tes.
SMD TWEEZERS
Model
Length
Weight
Description
Rounded Head
Model
Length
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com