Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 50Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 51Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 52Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 53Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 54Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 55Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 56Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 57Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
140 mm (length)
Pick-up device
Pick-up device for silicon wafers up to 8". ESD-safe.
Needs min. -600 mBar vacuum. For use with suction
plates 3503A or 3503B.
3000WESD
Insert for vertical pick-up for silicon
wafers up to 8"
For vertical pick up. Armite suction plate with
stainless steel tube, ESD safe.
3503A
Insert for horizontal pick-up for silicon
wafers up to 8"
Stainless steel tubing bent for horizontal pick up.
Angles can be determined by customer, no price
surcharge. Armite suction plate with stainless steel
tube, ESD safe.
3503B
Wafer Handling
VACUUM MANIPULATOR
54
Wafer Handling
.
3000 WESD
3503A
3503B
30 mm
80 mm
20 mm
Ø 2,5 mm
20 mm
Ø 2,5 mm
30 mm
73 mm
20 mm
Model
Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com