Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 22Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 23Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 24Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 25Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 26Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 27Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 28Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 29Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
120 mm
15 mm
13,5 mm
ø
1,8 mm
81 g
884E
7,5 mm
Flush cut, high grade tool steel, anti-glare finish,
ESD safe, resharpenable
Side cutter for large wires.
115 mm
12 mm
10,5 mm
ø
0,6 mm
67 g
Flush cut, high grade tool steel, anti-glare finish,
ESD safe, resharpenable
Side cutter with relieved head. Medium size.
For Copper wires.
592E
6,5 mm
115 mm
13 mm
10,5 mm
ø
0,6 mm
67 g
792E
6,5 mm
115 mm
9 mm
10,5 mm
ø
1,2 mm
67 g
Flush cut, high grade tool steel, anti-glare finish,
ESD safe, resharpenable
Side cutter with fine relieved head. Medium size.
For fine wires.
576Z
6,5 mm
Super full flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Side cutter with relieved head. Medium size.
For fine soft wires.
Relieved Head
SIDE CUTTERS
26
Length 115 mm
Length 120 mm
Length 110 mm
110 mm
9 mm
9 mm
ø
1,0 mm
48 g
Flush cut, high grade tool steel, anti-glare finish,
ESD safe, resharpenable
Miniature side cutter. Super fine relieved head allows very
good access.
676E
6 mm
115 mm
11 mm
10,5 mm
67 g
Flush cut, Tungsten Carbide blades, anti-glare finish,
ESD safe
Miniature side cutter. Super fine relieved head allows very good
access. Tungsten Carbide blades for constant quality cuts. Resis-
tant to small stainless steel wires.
576TX
6,5 mm
110 mm
9 mm
9 mm
ø
1,0 mm
48 g
Super full flush cut, high grade tool steel, anti-glare
finish, ESD safe, resharpenable
Miniature side cutter. Super fine relieved head allows very
good access. Soft wires only.
776E
6 mm
110 mm
9 mm
9 mm
ask for
cutting
capability*
ask for
cutting
capability*
48 g
632NCF
6 mm
Super full flush cut, high grade tool steel, anti-glare
finish, ESD safe, soft materials only
Miniature side cutter. Special fine, high precision cut exclusive-
ly designed for soft materials like small Silicone tubing in
medical applications, precision connector sealing, miniature
rubber gaskets or cutting of molded soft synthetic parts. Super
fine relieved head allows very good access.
Model
L
A
B
C
Max. Cu
Weight
Description
Model
L
A
B
C
Max. Cu
Weight
Description
Model
L
A
B
C
Max. Cu
Weight
Description
* Please provide wire sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com